Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCE-PQC Datasheet(PDF) 2 Page - PCE Instruments.

Part # PCE-PQC
Description  Particle Counter PCE-PQC 10US Incl. Calibration
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCE [PCE Instruments.]
Direct Link  https://www.pce-instruments.com/
Logo PCE - PCE Instruments.

PCE-PQC Datasheet(HTML) 2 Page - PCE Instruments.

  PCE-PQC Datasheet HTML 1Page - PCE Instruments. PCE-PQC Datasheet HTML 2Page - PCE Instruments.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Specifications
Measuring range
0.3 ... 25 μm
Measuring channel sizes
Factory calibrated at 0.3, 0.5, 1.0, 2.5, 5.0, 10.0
μm
Counting efficiency
50% at 0.3 μm 100% at > 0.45 μm according to
JIS
 
 
Flow
2.83 l / min (0.1 ft3 / min)
Random loss
5% at 4,000,000 particles / ft³
Battery
10 h
Light source
Long-life laser diode
Zero count
< 1 count / 5 min (< 2 particles / ft³)
 
According to ISO 21501-4 and JIS
Counting modes
Automatic, manual, real-time, cumulative /
 
Differential, mass concentration
Alarms
1 ... 9999999 counts, adjustable
Calibration
Traceable to NIST
Display
4.3 "WQVGA color touch display, 480x272 px
Printer
External thermal printer
Aspiration
Internal pump with automatic
 
Flow control
Air outlet
Internal HEPA filter
Battery pack
Replaceable Li-Ion battery
Charging time
About 4 hours
Reports
ISO 14644-1
 
EU GMP Annex 1
 
FS 209E
Configuration
Memory for 50 custom configurations
Standards
ISO 21501-4 and JIS B9921
Dimensions
25.4 x 12.9 x 11.4 cm
Weight
1.0 kg
Storage
45000 data sets (ring memory) consisting of
 
Particle count, temp and humidity, locations and
times
Sample locations
Up to 1000 locations can be stored
Samples duration
1 s ... 99 h adjustable
Power supply
110 ... 240V AC 50/60 Hz
Operating conditions
5 ... 40°C / 41 ... 104°F
 
Up to 95% RH not condensing
Storage conditions
0 ... 50°C / 32 ... 122°F
 
Up to 98% RH not condensing
 
Interface
USB
Optional interfaces
Ethernet, WiFi 802.11 b / g, RS485 or RS232
Number of measuring channels   
      
6
 
 
More information
Manual
More product info
Similar products



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com