Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RPMGS-20 Datasheet(PDF) 3 Page - Recom International Power

Part # RPMGS-20
Description  20 Amp 16th Brick Open Frame Single Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RPMGS-20 Datasheet(HTML) 3 Page - Recom International Power

  RPMGS-20 Datasheet HTML 1Page - Recom International Power RPMGS-20 Datasheet HTML 2Page - Recom International Power RPMGS-20 Datasheet HTML 3Page - Recom International Power RPMGS-20 Datasheet HTML 4Page - Recom International Power RPMGS-20 Datasheet HTML 5Page - Recom International Power RPMGS-20 Datasheet HTML 6Page - Recom International Power RPMGS-20 Datasheet HTML 7Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.recom-power.com
REV.: 0/2022
RPMGS-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RPMGS-20
Series
OUTPUT VOLTAGE TRIMMING
The RPMGS series offers the feature of trimming the output voltage over a range between 3.3V and 8V by using external trim resistors. The
values for trim resistors shown in trim tables below are according to standard E96 values; therefore, the specified voltage may slightly vary.
+Vin
-Vin
+V
in
-V
in
-V
out
Trim
CTRL
+Sense
+V
out
R
up
R
down
+Vout
-Vout
COUT
CIN
Calculation:
Trim up
Trim up
RPMGS5.0-20
RPMGS12.0-20
Trim down
Trim down
Voutset =
5.5
6.0
7.0
8.0
[VDC]
R
up (E96) ≈
33k2
13k3
4k42
1k69
[
W]
Voutset =
15.0
18.0
20.0
24.0
[VDC]
R
up (E96) ≈
10k
3k57
2k
0k374
[
W]
Voutset =
3.3
3.6
4.0
4.5
[VDC]
R
down (E96) ≈
22k6
31k6
51k
113k
[
W]
Voutset =
8.0
9.0
10.0
11.0
[VDC]
R
down (E96) ≈
84k5
130k
221k
499k
[
W]
R
3 [W]
R
4 [W]
R
5 [W]
V
REF [VDC]
RPMGS5.0-20
18k72
3k48
3k48
0.8
RPMGS12-20
48k7
3k48
2k87
0.8
Vout
nom
= nominal output voltage [VDC]
Vout
set
= trimmed output voltage [VDC]
R
up
= trim up resistor
[
W]
R
down
= trim down resistor
[
W]
R
3, R4, R5 = internal resistors
[
W]
Trimming
������������������������������������������������������������������������������������������������������������������������=������������������������������������������������������������������������������������������������������������������������������������������������������������������������×(������������������������3×������������������������4+������������������������4×������������������������5)−������������������������������������������������������������������������������������������������×(������������������������3×������������������������4+������������������������4×������������������������5+������������������������3×������������������������5)
������������������������������������������������������������������������������������������������×(������������������������3×������������������������4)−������������������������4×������������������������������������������������������������������������������������������������������������������������������������������������������������������������
=������������������������Ω
Trimming
������������������������������������������������������������������������=������������������������������������������������������������������������������������������������×������������������������3×(������������������������4+������������������������5)−������������������������4×������������������������5×(������������������������������������������������������������������������������������������������������������������������������������������������������������������������−������������������������������������������������������������������������������������������������)
(������������������������������������������������������������������������������������������������������������������������������������������������������������������������−������������������������������������������������������������������������������������������������)×������������������������4−������������������������������������������������������������������������������������������������×������������������������3 =������������������������Ω
REMOTE SENSE
+Vin
-Vin
+V
in
-V
in
-V
out
Trim
CTRL
+Sense
+V
out
R
up
R
down
+Vout
-Vout
COUT
CIN
RW
1 ... wire losses +
R
up
... trim up resistor
R
down ... trim down resistor
The output voltage can be adjusted via the trim
and sense functions.
The maximum output voltage fromTrim and Sense
function combined is 8VDC for RPMGSQ5.0-20
and 24VDC for RPMGS12-20. Derating may be
required when using Trim and/or sense functions.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com