Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC114TM Datasheet(PDF) 10 Page - Nexperia B.V. All rights reserved

Part # PDTC114TM
Description  PNP resistor-equipped transistors; R1 = 10 kW, R2 = open
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC114TM Datasheet(HTML) 10 Page - Nexperia B.V. All rights reserved

Back Button PDTC114TM Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTC114TM Datasheet HTML 12Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
PDTA114T_SER_7
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 07 — 20 April 2007
9 of 11
NXP Semiconductors
PDTA114T series
PNP resistor-equipped transistors; R1 = 10 k
Ω, R2 = open
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTA114T_SER_7
20070420
Product data sheet
-
PDTA114T_SERIES_6
Modifications:
• The format of this data sheet has been redesigned to comply with the new identity
guidelines of NXP Semiconductors.
• Legal texts have been adapted to the new company name where appropriate.
• Type number PDTA114TEF removed
• Section 1.2 “Features”: amended
• Section 1.3 “Applications”: amended
• Table 4 “Ordering information”: added
• Table 5 “Marking codes”: enhanced table note section
• Table 6 “Limiting values”: ICM peak collector current conditions added
• Figure 1, 2, 7 and 8: added
• Figure 3, 4, 5, 6, 9 and 10: superseded by minimized package outline drawings
• Section 9 “Packing information”: added
• Section 11 “Legal information”: updated
PDTA114T_SERIES_6
20040802
Product specification
-
PDTA114T_SERIES_5
PDTA114T_SERIES_5
20030909
Product specification
-
PDTA114T_SERIES_4
PDTA114T_SERIES_4
20030410
Product specification
-
PDTA114TE_2
PDTA114TK_3
PDTA114TS_2
PDTA114TT_3
PDTA114TU_3
PDTA114TE_2
19980723
Preliminary specification
-
PDTA114TE_1
PDTA114TK_3
19980515
Product specification
-
PDTA114TK_2
PDTA114TS_2
19980515
Product specification
-
PDTA114TS_1
PDTA114TT_3
19990413
Objective specification
-
PDTA114TT_2
PDTA114TU_3
19990413
Product specification
-
PDTA114TU_2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com