Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA115TS Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # PDTA115TS
Description  PNP resistor-equipped transistors; R1 = 100 kW, R2 = open
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA115TS Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button PDTA115TS Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 13Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 14Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 15Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 16Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 17Page - Nexperia B.V. All rights reserved PDTA115TS Datasheet HTML 18Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
PDTA115T_SER_5
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 05 — 2 September 2009
15 of 17
NXP Semiconductors
PDTA115T series
PNP resistor-equipped transistors; R1 = 100 k
Ω, R2 = open
10. Revision history
Table 10.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
PDTA115T_SER_5
20090902
Product data sheet
-
PDTA115T_SER_4
Modifications:
• This data sheet was changed to reflect the new company name NXP Semiconductors,
including new legal definitions and disclaimers. No changes were made to the technical
content.
• Figure 3 “Package outline SOT416 (SC-75)”: updated
• Figure 4 “Package outline SOT346 (SC-59/TO-236)”: updated
• Figure 9 “Package outline SOT23 (TO-236AB)”: updated
• Figure 10 “Package outline SOT323 (SC-70)”: updated
PDTA115T_SER_4
20050405
Product data sheet
-
PDTA115TT_3
PDTA115TT_3
20040907
Objective data sheet
-
PDTA115TT_2
PDTA115TT_2
20040518
Objective data sheet
-
PDTA115TT_1
PDTA115TT_1
20040323
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com