Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTA124X Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # PDTA124X
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTA124X Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button PDTA124X Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 9Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 10Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 11Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 12Page - Nexperia B.V. All rights reserved PDTA124X Datasheet HTML 13Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
NXP Semiconductors
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
© NXP B.V. 2009.
All rights reserved.
For more information, please visit: http://www.nxp.com
For sales office addresses, please send an email to: salesaddresses@nxp.com
Date of release: 3 September 2009
Document identifier: PDTA124X_SER_8
Please be aware that important notices concerning this document and the product(s)
described herein, have been included in section ‘Legal information’.
13. Contents
1
Product profile . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1
General description. . . . . . . . . . . . . . . . . . . . . . 1
1.2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.4
Quick reference data. . . . . . . . . . . . . . . . . . . . . 1
2
Pinning information . . . . . . . . . . . . . . . . . . . . . . 2
3
Ordering information . . . . . . . . . . . . . . . . . . . . . 3
4
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
5
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
6
Thermal characteristics. . . . . . . . . . . . . . . . . . . 5
7
Characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . 5
8
Package outline . . . . . . . . . . . . . . . . . . . . . . . . . 7
9
Packing information. . . . . . . . . . . . . . . . . . . . . . 9
10
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 10
11
Legal information. . . . . . . . . . . . . . . . . . . . . . . 11
11.1
Data sheet status . . . . . . . . . . . . . . . . . . . . . . 11
11.2
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
11.3
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
11.4
Trademarks . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
12
Contact information. . . . . . . . . . . . . . . . . . . . . 11
13
Contents . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com