Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDTC124XK Datasheet(PDF) 2 Page - Nexperia B.V. All rights reserved

Part # PDTC124XK
Description  PNP resistor-equipped transistors; R1 = 22 kW, R2 = 47 kW
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PDTC124XK Datasheet(HTML) 2 Page - Nexperia B.V. All rights reserved

  PDTC124XK Datasheet HTML 1Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 2Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 3Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 4Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 5Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 6Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 7Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 8Page - Nexperia B.V. All rights reserved PDTC124XK Datasheet HTML 9Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1.
Product profile
1.1 General description
PNP Resistor-Equipped Transistors (RET) family.
[1]
Also available in SOT54A and SOT54 variant packages (see Section 2)
1.2 Features
1.3 Applications
1.4 Quick reference data
PDTA124X series
PNP resistor-equipped transistors; R1 = 22 k
Ω, R2 = 47 kΩ
Rev. 08 — 3 September 2009
Product data sheet
Table 1.
Product overview
Type number
Package
NPN complement
NXP
JEITA
JEDEC
PDTA124XE
SOT416
SC-75
-
PDTC124XE
PDTA124XEF
SOT490
SC-89
-
PDTC124XEF
PDTA124XK
SOT346
SC-59A
TO-236
PDTC124XK
PDTA124XM
SOT883
SC-101
-
PDTC124XM
PDTA124XS[1]
SOT54
SC-43A
TO-92
PDTC124XS
PDTA124XT
SOT23
-
TO-236AB
PDTC124XT
PDTA124XU
SOT323
SC-70
-
PDTC124XU
I Built-in bias resistors
I Reduces component count
I Simplifies circuit design
I Reduces pick and place costs
I 100 mA output current capability
I Digital applications
I Cost-saving alternative for BC857 series
in digital applications
I Controlling IC inputs
I Switching loads
Table 2.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCEO
collector-emitter voltage
open base
-
-
−50
V
IO
output current (DC)
-
-
−100
mA
R1
bias resistor 1 (input)
15.4
22
28.6
k
Ω
R2/R1
bias resistor ratio
1.7
2.1
2.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com