Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL73840SEHX/SAMPLE Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # ISL73840SEHX/SAMPLE
Description  Radiation Tolerant 30V 16-Channel Analog Multiplexer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL73840SEHX/SAMPLE Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button ISL73840SEHX/SAMPLE Datasheet HTML 4Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 5Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 6Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 7Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 8Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 9Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 10Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 11Page - Renesas Technology Corp ISL73840SEHX/SAMPLE Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ISL73840SEH
FN8845 Rev.3.00
Page 8 of 24
Feb 23, 2018
Electrical Specifications (±12V) V+ = 12V, V- = -12V, V
AH = 4.0V, VAL = 0.8V, VREF = VEN = 5.0V, TA= +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C or across a total ionizing dose of 50krad(Si) with exposure at a low dose
rate of <10mrad(Si)/s.
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)TYP
MAX
(Note 8)UNIT
VS
Analog Input Signal Range
V-
V+
V
rON
Channel ON-Resistance
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = +5V, -5V
--
500
Ω
V± = ±10.8V, ±13.2V
IOUT = -1mA, VIN = V+, V-
--
700
Ω
ΔrON
rON Match Between Channels
VIN = +5V, -5V; IOUT = -1mA
-
10
20
Ω
RFLAT(ON)
ON-Resistance Flatness
VIN = +5V, -5V, V± = ±13.2V
-
-
25
Ω
VIN = +5V, -5V, V± = ±10.8V
TA = +25°C, -55°C, +125°C
--
30
Ω
VIN = +5V, -5V, V± = ±10.8V, post radiation
-
-
40
Ω
I+
Quiescent Supply Current
VIN = VA = VEN = 0.8V, V± = ±10.8V, ±13.2V
-
-
350
µA
I-
VIN = VA = VEN = 0.8V, V± = ±10.8V, ±13.2V
-350
-
-
µA
I+
Standby Supply Current
VIN = VA = VEN = 4.0V, V± = ±10.8V, ±13.2V
-
-
350
µA
I-
VIN = VA = VEN = 4.0V, V± = ±10.8V, ±13.2V
-350
-
-
µA
IREF
Supply Current Into VREF
VREF = 5.5V, VIN = VA = VEN = 0.8V,
V± = ±10.8V, ±13.2V
-
-
35
µA
DYNAMIC
tALH
Transition Time
Figures 5, 6
-0.5
800
ns
tAHL
Figures 5, 6
-0.5
800
ns
tBBM
Break-Before-Make Delay
Figures 9, 10
5
50
200
ns
Post radiation
-
-
400
ns
tENABLE
Enable Turn-On Time
Figures 7, 8
-0.5
600
ns
Post radiation
-
-
800
ns
tDISABLE
Disable Turn-Off Time
Figures 7, 8
-0.5
600
ns
Post radiation
-
-
800
ns
NOTE:
8. Compliance to datasheet limits is assured by one or more methods: production test, characterization, and/or design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com