Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL74422BRHF/PROTO Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL74422BRHF/PROTO
Description  Radiation Hardened, 9A, Non-Inverting Power MOSFET Driver
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL74422BRHF/PROTO Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL74422BRHF/PROTO Datasheet HTML 1Page - Renesas Technology Corp ISL74422BRHF/PROTO Datasheet HTML 2Page - Renesas Technology Corp ISL74422BRHF/PROTO Datasheet HTML 3Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISL74422BRH
FN6057 Rev 0.00
Page 2 of 3
October 2003
Die Characteristics
DIE DIMENSIONS:
4191
m x 4826m (165 mils x 190 mils)
Thickness: 483
m  25.4m (19 mils  1 mil)
INTERFACE MATERIALS:
Glassivation:
Type: PSG (Phosphorous Silicon Glass)
Thickness: 8.0kÅ
 1.0kÅ
Top Metallization:
Type: AlSiCu
Thickness: 16.0kÅ
 2kÅ
Substrate:
Radiation Hardened Silicon Gate
Dielectric Isolation
Backside Finish:
Silicon
ASSEMBLY RELATED INFORMATION:
Substrate Potential:
Unbiased (DI)
ADDITIONAL INFORMATION:
Worst Case Current Density:
<2.0 x 105 A/cm2
Transistor Count:
40
Metallization Mask Layout
ISL74422BRH
(3) VS (IB)
(15, 16) VS (OB)
(13) +VOUT
(12) -VOUT
(8, 9) GND (OB)
(5) GND (IB)
(4) VIN



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com