Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL76161AVZ Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # ISL76161AVZ
Description  12-Bit, 3.3V, 130MSPS, High Speed D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL76161AVZ Datasheet(HTML) 2 Page - Renesas Technology Corp

  ISL76161AVZ Datasheet HTML 1Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 2Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 3Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 4Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 5Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 6Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 7Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 8Page - Renesas Technology Corp ISL76161AVZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ISL76161
FN6720 Rev 2.00
Page 2 of 12
December 23, 2013
Typical Applications Circuit
Functional Block Diagram
D11 (MSB) (1)
D10 (2)
D9 (3)
D8 (4)
D7 (5)
D6 (6)
D5 (7)
D4 (8)
D11
D10
D9
D8
D7
D6
D5
D4
DCOM (26, 13, 14)
CLK (28)
(24) AVDD
(22) IOUTA
(21) IOUTB
(18) FSADJ
(16) REFLO
ISL76161
DVDD (27)
0.1µF
10µF
(20) ACOM
50
(15) SLEEP
(17) REFIO
0.1µF
1.94k
FERRITE
10µH
(23) COMP
0.1
F
+
BEAD
RSET
D3
D2
D1
D0
D3 (9)
D2 (10)
D1 (11)
D0 (LSB) (12)
0.1µF
10µH
+
BEAD
(25, 19) NC
ACOM
DCOM
10µF
+3.3V (VDD)
50
(50
)
1:1, Z1:Z2
ONE CONNECTION
ANY 50
 LOAD
REPRESENTS
UPPER
VOLTAGE
REFERENCE
(LSB) D0
D1
D2
D3
D4
D5
D6
D9
CLK
D7
D8
5-BIT
DECODER
REFIO
CASCODE
CURRENT
SOURCE
SWITCH
MATRIX
BIAS
GENERATION
INT/EXT
38
38
31 MSB
SEGMENTS
7 LSBs
+
COMP
IOUTA
IOUTB
D10
D11
INPUT
LATCH
REFLO
FSADJ
SLEEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com