Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78083 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # ISL78083
Description  Automotive Camera Power Management IC with Three Synchronous Buck Regulators and One Low Dropout Linear Regulator
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL78083 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button ISL78083 Datasheet HTML 17Page - Renesas Technology Corp ISL78083 Datasheet HTML 18Page - Renesas Technology Corp ISL78083 Datasheet HTML 19Page - Renesas Technology Corp ISL78083 Datasheet HTML 20Page - Renesas Technology Corp ISL78083 Datasheet HTML 21Page - Renesas Technology Corp ISL78083 Datasheet HTML 22Page - Renesas Technology Corp ISL78083 Datasheet HTML 23Page - Renesas Technology Corp ISL78083 Datasheet HTML 24Page - Renesas Technology Corp ISL78083 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
ISL78083
4. Functional Descriptions
R33DS0007EU0100 Rev.1.00
Page 21 of 33
Nov.15.19
4.
Functional Descriptions
4.1
Factory Programmable Output Voltages
The ISL78083 is a multi-rail regulator IC that is comprised of a primary high voltage buck converter (Buck1), two
secondary low voltage buck converters (Buck2 and Buck3), and one low dropout linear regulator (LDO4).
In typical camera power applications, the primary buck typically takes its input (VIN1) from a filtered 12V car
battery, and produces an intermediate voltage typically between 3.3V and 5V. The output voltage of Buck1 is fixed
at 3.8V. Other Buck1 voltage options can be factory-programmed, see Table 1 for the list of possible Buck1 output
voltages.
The secondary bucks share a common input pin (VIN2/3) that is supplied by the output of Buck1. They produce
low voltage supply rails, with Buck2 fixed at 1.8V and Buck3 fixed at 1.2V. Other voltage options for Buck2 and
Buck3 can be factory-programmed, see Table 1 for the list of possible Buck2 and Buck3 output voltages.
Note: Maximum output current for Buck2 and Buck3 is limited by the output voltage selection, see Figure 2 on
page 4.
The linear regulator LDO4 uses the output voltage from Buck1 as an input through the LDOIN4 pin. The LDO4
output is typically filtered to produce a quiet rail for camera applications. The output voltage of LDO4 is fixed at
3.3V. Other LDO4 voltage options can be factory-programmed, see Table 1 for the list of LDO4 output voltages.
Note: The voltage level for each output is independently selectable. Buck2, Buck3, and LDO4 voltage selections
must be compatible with the VOUT1 selection, within limitations set by the maximum duty cycle, minimum off-time,
load current, and I•R voltage drops.
Table 1.
Output Voltage Selections
Register 0x71
Register 0x73
Register 0x75
Register 0x77
Option Code
(hex)
Buck1 Output
(V)
Option Code
(hex)
Buck2 Output
(V)
Option Code
(hex)
Buck3 Output
(V)
Option Code
(hex)
LDO4 Output
(V)
01
1.00
01
1.00
01
2.80
02
1.05
02
1.05
02
2.85
03
1.10
03
1.10
03
2.90
04
1.15
04
1.15
04
2.95
05
1.20
05
1.20
05
3.00
06
1.25
06
1.25
06
3.05
07
1.30
07
1.30
07
3.10
08
1.35
08
1.35
08
3.15
09
1.40
09
1.40
09
3.20
0A
1.45
0A
1.45
0A
3.25
0B
3.30
0B
1.50
0B
1.50
0B
3.30
0C
3.35
0C
1.55
0C
1.55
0C
3.35
0D
3.40
0D
1.60
0D
1.60
0D
3.40
0E
3.50
0E
1.65
0E
1.65
0F
3.60
0F
1.70
0F
1.70
10
3.70
10
1.75
10
1.75
11
3.80
11
1.80
11
1.80
12
5.00
12
1.85
12
1.85
13
5.05
13
1.90
13
1.90
14
1.95
14
1.95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com