Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TISP6NTP2CD Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # TISP6NTP2CD
Description  High Voltage Ringing SLIC Protector
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

TISP6NTP2CD Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  TISP6NTP2CD Datasheet HTML 1Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 2Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 3Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 4Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 5Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 6Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 7Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 8Page - Bourns Electronic Solutions TISP6NTP2CD Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
MARCH 2002 – REVISED FEBRUARY 2005
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Description (Continued)
TISP6NTP2C High Voltage Ringing SLIC Protector
Recommended Operating Conditions
Absolute Maximum Ratings, 0 °C ≤ TJ ≤ 70 °C (Unless Otherwise Noted)
The systems described often have the need to source two POTS (Plain Old Telephone Service) lines, one for a telephone and the other for a
facsimile machine. In a single surface mount package, the TISP6NTP2C protects the two POTS line SLICs (Subscriber Line Interface Circuits)
against overvoltages caused by lightning, a.c. power contact and induction.
The TISP6NTP2C has an array of four buffered P-gate forward conducting thyristors with twin commoned gates and a common anode
connection. Each thyristor cathode has a separate terminal connection. An antiparallel anode-cathode diode is connected across each
thyristor. The buffer transistors reduce the gate supply current.
In use, the cathodes of an TISP6NTP2C thyristors are connected to the four conductors of two POTS lines (see applications information).
Each gate is connected to the appropriate negative voltage battery feed of the SLIC driving that line pair. By having separate gates, each SLIC
can be protected at a voltage level related to the negative supply voltage of that individual SLIC. The anode of the TISP6NTP2C is connected
to the SLIC common. The TISP6NTP2C voltage and current ratings also make it suitable for the protection of ISDN d.c. feeds of down to
-115 V (ETSI Technical Report ETR 080:1993, ranges 1 to 5).
Positive overvoltages are clipped to common by forward conduction of the TISP6NTP2C antiparallel diode. Negative overvoltages are initially
clipped close to the SLIC negative supply by emitter follower action of the TISP6NTP2C buffer transistor. If sufficient clipping current flows,
the TISP6NTP2C thyristor will regenerate and switch into a low voltage on-state condition. As the overvoltage subsides, the high holding
current of the TISP6NTP2C prevents d.c. latchup.
Component
Min
Typ
Max
Unit
CG
Gate decoupling capacitor
100
220
nF
RS
Series resistor for GR-1089-CORE intra-building surge survival, section 4.5.9, tests 1 and 2
5
50
Ω
Series resistor for K.20, K.21 and K.45 coordination with a 400 V primary protector
10
50
Ω
Rating
Symbol
Value
Unit
Repetitive peak off-state voltage, VGK =0
VDRM
-170
V
Repetitive peak gate-cathode voltage, VKA =0
VGKRM
-167
V
Non-repetitive peak on-state pulse current (see Notes 1 and 2)
IPPSM
A
10/1000 (Telcordia (Bellcore) GR-1089-CORE, Issue 2, February 1999, Section 4)
5/320 (ITU-T K.20, K.21& K.45, K.44 open-circuit voltage wave shape 10/700)
2/10 (Telcordia (Bellcore) GR-1089-CORE, Issue 2, February 1999, Section 4)
25
40
90
Non-repetitive peak on-state current, 50 Hz/60 Hz (see Notes 1 and 2)
ITSM
A
0.1 s
7
1s
5s
300 s
900 s
2.7
1.5
0.45
0.43
Non-repetitive peak gate current, 1/2 µs pulse, cathodes commoned (see Note 1)
IGSM
+25
A
Operating free-air temperature range
TA
-40 to +85
°C
Junction temperature
TJ
-40 to +150
°C
Storage temperature range
Tstg
-40 to +150
°C
NOTES: 1. Initially, the protector must be in thermal equilibrium. The surge may be repeated after the device returns to its initial conditions.
Gate voltage range is -20 V to -155 V.
2. These non-repetitive rated currents are peak values for either polarity. The rated current values may be applied to any cathode-
anode terminal pair. Additionally, all cathode-anode terminal pairs may have their rated current values applied simultaneously (in
this case the anode terminal current will be four times the rated current value of an individual terminal pair).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com