Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL97645 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # ISL97645
Description  Boost VON Slice VCOM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL97645 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button ISL97645 Datasheet HTML 6Page - Renesas Technology Corp ISL97645 Datasheet HTML 7Page - Renesas Technology Corp ISL97645 Datasheet HTML 8Page - Renesas Technology Corp ISL97645 Datasheet HTML 9Page - Renesas Technology Corp ISL97645 Datasheet HTML 10Page - Renesas Technology Corp ISL97645 Datasheet HTML 11Page - Renesas Technology Corp ISL97645 Datasheet HTML 12Page - Renesas Technology Corp ISL97645 Datasheet HTML 13Page - Renesas Technology Corp ISL97645 Datasheet HTML 14Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
FN9263 Rev 1.00
Page 13 of 14
December 14, 2007
ISL97645
Intersil products are manufactured, assembled and tested utilizing ISO9001 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil may modify the circuit design and/or specifications of products at any time without notice, provided that such
modification does not, in Intersil's sole judgment, affect the form, fit or function of the product. Accordingly, the reader is cautioned to verify that datasheets are
current before placing orders. Information furnished by Intersil is believed to be accurate and reliable. However, no responsibility is assumed by Intersil or its
subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
For additional products, see www.intersil.com/en/products.html
© Copyright Intersil Americas LLC 2006-2007. All Rights Reserved.
All trademarks and registered trademarks are the property of their respective owners.
Layout Recommendation
The device’s performance including efficiency, output noise,
transient response and control loop stability is dramatically
affected by the PCB layout. PCB layout is critical, especially
at high switching frequency.
There are some general guidelines for layout:
1. Place the external power components (the input
capacitors, output capacitors, boost inductor and output
diodes, etc.) in close proximity to the device. Traces to
these components should be kept as short and wide as
possible to minimize parasitic inductance and resistance.
2. Place VIN and VDD bypass capacitors close to the pins.
3. Reduce the loop area with large AC amplitudes and fast
slew rate.
4. The feedback network should sense the output voltage
directly from the point of load, and be as far away from LX
node as possible.
5. The power ground (PGND) and signal ground (SGND)
pins should be connected at only one point.
6. The exposed die plate, on the underneath of the
package, should be soldered to an equivalent area of
metal on the PCB. This contact area should have multiple
via connections to the back of the PCB as well as
connections to intermediate PCB layers, if available, to
maximize thermal dissipation away from the IC.
7. To minimize the thermal resistance of the package when
soldered to a multi-layer PCB, the amount of copper track
and ground plane area connected to the exposed die
plate should be maximized and spread out as far as
possible from the IC. The bottom and top PCB areas
especially should be maximized to allow thermal
dissipation to the surrounding air.
8. A signal ground plane, separate from the power ground
plane and connected to the power ground pins only at the
exposed die plate, should be used for ground return
connections for control circuit.
9. Minimize feedback input track lengths to avoid switching
noise pick-up.
A demo board is available to illustrate the proper layout
implementation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com