Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC307 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC307
Description  PNP general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC307 Datasheet(HTML) 4 Page - NXP Semiconductors

  BC307 Datasheet HTML 1Page - NXP Semiconductors BC307 Datasheet HTML 2Page - NXP Semiconductors BC307 Datasheet HTML 3Page - NXP Semiconductors BC307 Datasheet HTML 4Page - NXP Semiconductors BC307 Datasheet HTML 5Page - NXP Semiconductors BC307 Datasheet HTML 6Page - NXP Semiconductors BC307 Datasheet HTML 7Page - NXP Semiconductors BC307 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
1997 Mar 07
4
Philips Semiconductors
Product specification
PNP general purpose transistors
BC307; BC307B
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB = −30 V;
−−15
nA
IE = 0; VCB = −30 V; Tj = 150 °C
−−4
µA
IEBO
emitter cut-off current
IC = 0; VEB = −4V
−−15
nA
hFE
DC current gain
IC = −2 mA; VCE = −5 V; see Fig.2
BC307
125
455
BC307B
222
455
VCEsat
collector-emitter saturation voltage IC = −100 mA; IB = −5 mA; note 1
−−600
mV
VBEsat
base-emitter saturation voltage
IC = −100 mA; IB = −5 mA; note 1
−−1.1
V
VBE
base-emitter voltage
IC = −2 mA; VCE = −5 V; note 1
600
720
mV
Cc
collector capacitance
IE =ie = 0; VCB = −10 V; f = 1 MHz
−
3pF
fT
transition frequency
IC = −10 mA; VCE = −5 V; f = 100 MHz;
note 1
100
−
MHz
F
noise figure
IC = −200 µA; VCE = −5 V; RS =2kΩ;
f = 1 kHz; B = 200 Hz
−
10
dB
Fig.2 DC current gain; typical values.
BC307B.
handbook, full pagewidth
0
300
200
100
400
MBH727
10−2
10−1
hFE
1
IC (mA)
10
103
102
VCE = 5 V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com