Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STJW-650-RTR Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # STJW-650-RTR
Description  Sealed Tact Switch
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

STJW-650-RTR Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  STJW-650-RTR Datasheet HTML 1Page - Bourns Electronic Solutions STJW-650-RTR Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
ST(H,M,J,R)W Series Sealed Tact Switch
Features
Through-hole and SMD styles available
Available sharp click feel with a positive
tactile feedback
Ultra-miniature and lightweight structure
suitable for high density mounting
Designed for washing after soldering
RoHS compliant*
Insert molding in the contact with special
treatment prevents flux buildup during
soldering and permits autodipping
Electrical Characteristics
Electrical Life...........100,000 cycles min.
Rating ............................DC 12 V, 50 mA
Contact Resistance .....100 mohms max.
Insulation Resistance ..100 Mohms min.
DC 500 V min.
Dielectric Strength
...........................AC 250 V for 1 minute
Contact Arrangement ...1 pole 1 position
Environmental Characteristics
Mechanical Life .......100,000 cycles min.
Operation Force ..................160 g, 260 g
Tolerance .....................................±50 g
Stop Strength ..Place the switch vertical,
a static load of 3 kg shall be
applied in the direction of actuator
operation for a period of 15 seconds
Stroke .......0.25 mm (+0.2 mm, -0.1 mm)
Operating Temperature Range
....................................-25 °C to +70 °C
Storage Temperature Range
....................................-30 °C to +80 °C
Vibration Test .................MIL-STD-202F,
Method 201A
Frequency ..........10-55-10 Hz/1 minute
Directions ....................X,Y,Z 3 mutually
perpendicular directions
Time..................2 hours each direction,
high reliability
Shock Test .....................MIL-STD-202F,
Method 213B, Condition A
Gravity .......50 g (peak value), 11 msec.
Directions/Time ......6 sides and 3 times
in each direction
Physical Characteristics
Cover Materials ................Stainless steel
Base Materials..........Thermoplastic LCP
UL94V-0 black
Actuator Materials ............Thermoplastic
Nylon UL94V-0 (680, 690)
Color.................Brown (Silver 680 type)
Contact Disc. Materials ...........Phosphor
bronze with gold cladding
Terminal Materials ........Brass with silver
cladding
CL
CL
CL
1.80
(.071)
H
3.50 ± 0.50
(.138 ± .020)
4.0 ± 0.10
(.157 ± .004)
4.0 ± 0.20
(.157 ± .008)
6.0
(.236)
6.30
(.248)
1.0 ± 0.05
(.039 ± .002)
4 PLCS.
0.70
(.028)
6.50 ± 0.10
(.256 ± .004)
6.50 ± 0.50
(.256 ± .020)
7.90 ± 0.5
(.311 ± .020)
3.0
(.118)
DIA.
6.20
(.244)
STHW
CL
CL
CL
CL
5.40
(.213)
2.60
(.102)
6.80
(.268)
11.0
(.433)
5.80
(.228)
3.0
(.118)
DIA.
STMW
4.0 ± 0.20
(.157 ± .008)
6.0
(.236)
6.30
(.248)
0.70
(.028)
6.20
(.244)
9.00 ± 0.20
(.354 ± .079)
H
2.20
(.087)
2.35
(.093)
12
4
3
CIRCUIT DIAGRAM
Product Dimensions
DIMENSIONS:
MM
(IN)
CL
CL
CL
CL
STJW
H
6.20
(.244)
6.80 ± 0.20
(.268 ± .079)
0.70
(.028)
6.0
(.236)
6.30
(.248)
4.0 ± 0.20
(.157 ± .008)
3.0
(.118)
DIA.
5.80
(.228)
2.20
(.087)
4.40
(.173)
0.30
(.012)
8.60
(.339)
4.00
(.157)
2.35
(.093)
2.60
(.102)
5.40
(.213)
STRW
4.00
± 0.50
(.157
± .020)
7.55
± 0.50
(.297
± .020)
6.10
(.240)
0.70
(.028)
3.0
(.118)
DIA.
5.8
± 0.1
(.228
± .004)
3.90
(.154)
4.61
(.181)
7.02
(.276)
2.5
± 0.1
(.098
± .004)
5.0
± 0.1
(.197
± .004)
3.45
± .030
(.136
± .012)
HEIGHT
± .20
(HEIGHT
± .008)
3.7
(.146)
9.0
± 0.1
(.354
± .004)
The ST(H,M,J,R)W Series is currently
available, although not recommended
for new designs.


Similar Part No. - STJW-650-RTR

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
STJW-680-S BOURNS-STJW-680-S Datasheet
1Mb / 6P
BOURNS OFFERS OVER 35 ASSORTED KITS
More results

Similar Description - STJW-650-RTR

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSA ITT-KSA Datasheet
253Kb / 5P
Sealed Tact Switch
logo
C&K Components
KSA0M211 CK-COMPONENTS-KSA0M211 Datasheet
254Kb / 5P
Sealed Tact Switch
KSA0M212 CK-COMPONENTS-KSA0M212 Datasheet
198Kb / 2P
High Performance Sealed Tact Switch
KSC241JLFS CK-COMPONENTS-KSC241JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC343GLFG CK-COMPONENTS-KSC343GLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC243JLFG CK-COMPONENTS-KSC243JLFG Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSC341JLFS CK-COMPONENTS-KSC341JLFS Datasheet
312Kb / 6P
Sealed Tact Switch for SMT
KSA CK-COMPONENTS-KSA_V01 Datasheet
482Kb / 5P
Sealed Tact Switch
2021
KSAKSL CK-COMPONENTS-KSAKSL Datasheet
481Kb / 5P
Sealed Tact Switch
15 Oct 21
KSAKSLMKII CK-COMPONENTS-KSAKSLMKII Datasheet
186Kb / 2P
High Performance Sealed Tact Switch
30 Jan 19
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com