Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPG Datasheet(PDF) 1 Page - Epson Company

Part # SPG
Description  SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPSON [Epson Company]
Direct Link  http://www.epsondevice.com
Logo EPSON - Epson Company

SPG Datasheet(HTML) 1 Page - Epson Company

  SPG Datasheet HTML 1Page - Epson Company SPG Datasheet HTML 2Page - Epson Company SPG Datasheet HTML 3Page - Epson Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
49
Crystal oscillator
Specifications (characteristics)
Electric characteristics
RESET timing
External dimensions
Block diagram
Divider IC (without quartz crystal)
4
3
2
7
6
10
14
11
13
12
5
9
4
3
2
7
6
10
14
13
12
5
9
(Unit: mm)
0.25
90˚ to
105˚
7.62
EXC. CSEL. RESET
CLOCK ENABLE RESET
FOUT
8640N
CTL1 to 3
CTL1 to 3
CTL4 to 6
CTL4 to 6
TEST
TEST
OUT
OUT
20.5 max.
17.78
80%VDD
50%
Output waveform
RESET
Duty=B/A
100
RESET timing
tRW
20%VDD
tTHL
B
A
VSS
VOL
VOH
1/2VDD
tTLH
tR
t E
t w
VDD
CSEL
1/1 to 1/10
7
Program
Divider
1/1 to 1/10
7
SPG-8650O only
1/1 to 1/12
Program
Divider
1/1 to 1/12
Program
Divider
Program
Divider
x
O
S
C.
Pull-up and pull-down resistance 400 k
(typ.)
%
SPG
EPSON 0103B
8650
B
SELECTABLE-OUTPUT CRYSTAL OSCILLATOR
SPG series
• Capable of selecting 57 varieties of frequency output.
• Low current consumption.
• Easy to mount DIP 16-pin package.
Symbol
fo
VDD-GND
VDD
TSTG
TOPR
TSOL
∆f/f0
fa
lop
S.R.
Item
Model name
Oscillation source frequency
Power source
voltage
Temperature
range
Soldering condition (lead part)
Frequency tolerance
Frequency temperature characteristics
Frequency voltage characteristics
Aging
Current consumption
Shock resistance
Max. supply voltage
Operating voltage
Storage temperature
Operating temperature
Item
L. input voltage
H. input voltage
L. input current (Reset)
H input current (Reset)
L. input current
(input terminal except for Reset)
H input current
(input terminal except for Reset)
L. output voltage
H. output voltage
L. output current
H. output current
Output rise time
Output fall time
Duty
Min. reset pulse width
Reset delay time
Reset release synchronous error
External signal input frequency
External signal input pulse width
Oscillation start up time
Specifications
8640AN
8640BN 8640CN
8650A
8650B
8650C
8650E
8651A
8651B
8651E
600kHz
1MHz
768kHz
60kHz
100kHz
96kHz
32.768kHz
60kHz
100kHz
32.768kHz
-0.3V to +7.0V
5.0V±0.5V
-30˚C to +80˚C
-10˚C to +60˚C
-55˚C to +125˚C
-10˚C to +70˚C
Under 260˚C within 10 sec.
±100ppm
±50ppm
±5ppm
∗1
+10/-120ppm
±20ppm
±10ppm ±20ppm
1.0mA max.
2.0mA max. 1.5mA max.
±10ppm
±5ppm
±3ppm/year max.
±5ppm/year max.
0.5mA max.
Remarks
For output frequency, refer to
the table in the next page
Package should be less than 150˚C
VDD=5V, Ta=25˚C
VDD=5V
VDD=4.5 to 5.5V
VDD=5V, Ta=25˚C, first year
No load condition
Three drops on a hard
wooden board form 75cm
∗1 Frequency tolerance of 8651 system shows the value guaranteed at the time of shipment.
Item
Model name
Input clock frequency
Current consumption
Symbol
lop
Specifications
8650 O
1 MHz max.
About 2 mA
Remarks
No load condition
Symbol
VIL
VIH
IRL
IRH
IIL
IIH
VOL
VOH
IOL
IOH
tTLH
tTHL
tRW
tR
tE
FIN
tIN
tOSC
Min.
0
VDD-1.0
-30
-0.5
5
VDD-1.0
1.6
40
1.0
tW-
∗ 1
1/2 to
0.5
Typ.
30
25
0.2
Max.
0.8
VDD
-5
0.5
30
0.4
-40
60
50
60
1.0
tW
1M
1
∗ 2
Unit
V
µA
V
mA
µA
ns
%
µs
Hz
µs
s
∗ 1 to=oscillation source cycle. ∗ 2 tw=1/2 cycle of preset frequency.
∗ 3 For more than 1ms until VDD=0→4.5V. Time at 4.5V is to be 0.
Remarks
Reset=GND
Reset=VDD
IOL=1.6mA
IOH= -40µA
VOL=0.4V
VOH=VDD-1.0V
Except in the case
of 1/3 and 1/5
8640N only
∗ 3
(VDD=5V±0.5V, Ta=-10 to +70˚C CL
≤ 15pF)
Actual size
±5ppm max.
±5ppm max.
±10ppm max.


Similar Part No. - SPG

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
SPG EUROQUARTZ-SPG Datasheet
231Kb / 4P
OSCILLATORS - PROGRAMMABLE
logo
SOVICO corp.
SPG-104 SOVICO-SPG-104 Datasheet
733Kb / 1P
PROGRAM EXCHANGER
logo
Epson ToYoCom
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
SPG-8650
SPG-8640AN EPSONTOYOCOM-SPG-8640AN Datasheet
444Kb / 2P
Crystal oscillator
SPG-8640BN EPSONTOYOCOM-SPG-8640BN Datasheet
444Kb / 2P
SPG-8650
More results

Similar Description - SPG

ManufacturerPart #DatasheetDescription
logo
Epson Company
MG-7010SA EPSON-MG-7010SA Datasheet
82Kb / 2P
SELECTABLE-OUTPUT PLL OSCILLATOR
SG-210SEBA EPSON-SG-210SEBA Datasheet
380Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
SG-210SEH EPSON-SG-210SEH Datasheet
343Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
TCO-710 EPSON-TCO-710 Datasheet
353Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
logo
TEMEX
RCV7050P TEMEX-RCV7050P Datasheet
751Kb / 8P
SMD Selectable Frequency Voltage Controlled Crystal Oscillator
RCX7050P TEMEX-RCX7050P Datasheet
748Kb / 7P
SMD Selectable Frequency Crystal Oscillator
logo
Epson Company
SG2016CAN EPSON-SG2016CAN Datasheet
506Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : CMOS
logo
Epson ToYoCom
SG-8503CA EPSONTOYOCOM-SG-8503CA Datasheet
498Kb / 2P
Dual or Quad Selectable Programmable Crystal Oscillator
logo
Epson Company
SG3225HBN EPSON-SG3225HBN Datasheet
431Kb / 2P
CRYSTAL OSCILLATOR (SPXO) OUTPUT : HCSL
SG-8503CA EPSON-SG-8503CA Datasheet
902Kb / 5P
Dual or Quad Selectable Programmable Crystal Oscillator Output: LV-PECL
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com