Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSM-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CSM-8
Description  SMD QUARTZ CRYSTAL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CSM-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CSM-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
19
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
SMD CRYSTALS
SMD CRYSTALS
7.0
± 0.5
1.7 Max.
#1
#2
#3
#4
4.5
2.2
2.2
4.1
FEATURES
• Glass sealed ceramic package
• Tight stability / high reliability
• Wide frequency range
• High frequency fundamental available
• Two optional footprints
• Tape & Reel (1,000 pcs)
CSM-8 SERIES
SMD QUARTZ CRYSTAL
PACKAGE DIMENSIONS (mm)
Figure 1) CSM-8 – Side and Top view
Figure 2) CSM-8A – Pad Configuration
Bottom view
Figure 5) CSM-8A – Recommended
Solder Pad Layout
Top view
#4
1.2
5.08
2.0
2.0
4.0
Figure 3) CSM-8B – Pad Configuration
Bottom view
Figure 6) CSM-8B – Recommended
Solder Pad Layout
Top view
The CSM-8 Series is a very cost effective,
low profile SMD quartz crystal. The glass
sealed ceramic package is available in three
optional land pad configurations. It is ideal
for PCMCIA, ethernet and fax modem card
applications.
PART NUMBERING GUIDE “EXAMPLE”
FREQUENCY (16.000MHz)
LOAD CAPACITANCE*
PACKAGE TYPE**
ECS
–
160
–
20
–
20A
* Load capacitance (xx=xx pF, S= series resonance), ** Package Type examples (20A = CSM-8A, 20B = CSM-8B)
Note: See Product Selection Guide for additional options.
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE
f0
9.8
100.0
MHz
CALIBRATION TOLERANCE
@ +25˚C
-30
+30
PPM
FREQUENCY STABILITY, ref @ 25˚C
-10 ~ +70˚C
-50
+50
PPM
SHUNT CAPACITANCE
C0
5.0
pF
LOAD CAPACITANCE (CL)
(Customer Specified)
10.0
20.0 standard
Series
pF
DRIVE LEVEL (DL)
9.8 ~ 100.0MHz
0.5
mW
OPERATING TEMPERATURE
TOPR
-10
+70
˚C
STORAGE TEMPERATURE
TSTG
-40
+85
˚C
AGING (FIRST YEAR)
@ +25˚C
-5.0
+5.0
PPM
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
FREQUENCY RANGE (MHz)
MODE
MAX ESR
Ω
9.800 ~ 15.999
Fundamental
60
28.000 ~ 34.999
3rd O/T
80
16.000 ~ 42.000
Fundamental
40
35.000 ~ 100.000
3rd O/T
60
EQUIVALENT SERIES RESISTANCE / MODE OF OSCILLATION
+ 30
- 30
- 10
25
60
f/f0
PPM
TEMP.(˚C)
Figure 4) Frequency vs Temperature Curve


Similar Part No. - CSM-8

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
CSM-8 ECS-CSM-8 Datasheet
204Kb / 1P
SMD QUARTZ CRYSTAL
logo
China Semiconductor Cor...
CSM-88035A9 CHINASEMI-CSM-88035A9 Datasheet
223Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
CSM-88035E CHINASEMI-CSM-88035E Datasheet
223Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
CSM-88035G CHINASEMI-CSM-88035G Datasheet
226Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
CSM-88035M9 CHINASEMI-CSM-88035M9 Datasheet
233Kb / 6P
0.78 Inch 8X8 Dot-Matrix Display
More results

Similar Description - CSM-8

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECX-19A ECS-ECX-19A Datasheet
435Kb / 1P
SMD QUARTZ CRYSTAL
ECX-UM-1 ECS-ECX-UM-1 Datasheet
108Kb / 1P
SMD QUARTZ CRYSTAL
logo
Oscilent Corporation
290-12.0M-SR-05GP OSCILENT-290-12.0M-SR-05GP Datasheet
147Kb / 3P
SMD Quartz Crystal
264-12.0M-20-S-TR OSCILENT-264-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
268-12.0M-20-S-TR OSCILENT-268-12.0M-20-S-TR Datasheet
133Kb / 2P
SMD Quartz Crystal
logo
Jauch Quartz Gmbh
JXG32P4 JAUCH-JXG32P4 Datasheet
122Kb / 2P
SMD Quartz Crystal
JXS32 JAUCH-JXS32 Datasheet
147Kb / 2P
SMD Quartz Crystal
MG3A JAUCH-MG3A Datasheet
73Kb / 2P
SMD Quartz Crystal
logo
ECS, Inc.
CSM-7X ECS-CSM-7X_14 Datasheet
176Kb / 2P
SMD Quartz Crystal
ECX-UM-1R ECS-ECX-UM-1R Datasheet
282Kb / 1P
SMD QUARTZ CRYSTAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com