Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLPC3426ZVB Datasheet(PDF) 39 Page - Texas Instruments

Part # DLPC3426ZVB
Description  DLPC3436 and DLPC3426 Display Controllers
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DLPC3426ZVB Datasheet(HTML) 39 Page - Texas Instruments

Back Button DLPC3426ZVB Datasheet HTML 35Page - Texas Instruments DLPC3426ZVB Datasheet HTML 36Page - Texas Instruments DLPC3426ZVB Datasheet HTML 37Page - Texas Instruments DLPC3426ZVB Datasheet HTML 38Page - Texas Instruments DLPC3426ZVB Datasheet HTML 39Page - Texas Instruments DLPC3426ZVB Datasheet HTML 40Page - Texas Instruments DLPC3426ZVB Datasheet HTML 41Page - Texas Instruments DLPC3426ZVB Datasheet HTML 42Page - Texas Instruments DLPC3426ZVB Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
DMD_LS_RDATA
DMD_LS_CLK
DMD_HS_WDATA_B_N
DMD_HS_WDATA_B_P
DMD_HS_WDATA_C_N
DMD_HS_WDATA_C_P
High Speed sub-LVDS DDR Interface
DMD_HS_WDATA_D_N
DMD_HS_WDATA_D_P
DMD_HS_CLK_N
DMD_HS_CLK_P
DMD_HS_WDATA_E_N
DMD_HS_WDATA_E_P
DMD_HS_WDATA_F_N
DMD_HS_WDATA_F_P
DMD_HS_WDATA_G_N
DMD_HS_WDATA_G_P
DMD_HS_WDATA_H_N
DMD_HS_WDATA_H_P
DMD_HS_WDATA_A_N
DMD_HS_WDATA_A_P
Sub-LVDS-DMD
(Example DMD)
DLP230xx
960 x 540 display
Low Speed SDR Interface (120 MHz)
DLPC34xx
DMD_LS_WDATA
DMD_DEN_ARSTZ
Figure 7-11. DLP230NP/NPSE (.23 Full HD) DMD Interface Example
The sub-LVDS high-speed interface waveform quality and timing on the DLPC34x6 controller depends on the
total length of the interconnect system, the spacing between traces, the characteristic impedance, etch losses,
and how well matched the lengths are across the interface. Thus, ensuring positive timing margin requires
attention to many factors.
In an attempt to minimize the signal integrity analysis that would otherwise be required, the DMD Control
and Sub-LVDS Signals layout section is provided as a reference of an interconnect system that satisfy both
waveform quality and timing requirements (accounting for both PCB routing mismatch and PCB signal integrity).
Variation from these recommendations may also work, but should be confirmed with PCB signal integrity
analysis or lab measurements.
7.4 Device Functional Modes
The DLPC34xx controller has two functional modes (ON and OFF) controlled by a single pin, PROJ_ON
(GPIO_08).
• When the PROJ_ON pin is set high, the controller powers up and can be programmed to send data to the
DMD.
• When the PROJ_ON pin is set low, the controller powers down and consumes minimal power.
7.5 Programming
The DLPC34xx controller contains an Arm® Cortex®-M3 processor with additional functional blocks to enable
video processing and control. TI provides software as a firmware image. The customer is required to flash this
firmware image onto the SPI flash memory. The DLPC34xx controller loads this firmware during startup and
regular operation. The controller and its accompanying DLP chipset requires this proprietary software to operate.
The available controller functions depend on the firmware version installed. Different firmware is required for
different chipset combinations (such as when using different PMIC devices). See Documentation Support at the
end of this document or contact TI to view or download the latest published software.
Users can modify software behavior through I2C interface commands. For a list of commands, view the software
user's guide accessible through the Documentation Support page.
www.ti.com
DLPC3436
DLPS156E – JANUARY 2019 – REVISED APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DLPC3436



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com