Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA656 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA656
Description  OPA814 600-MHz, High-Precision, Unity-Gain Stable, FET-Input Operational Amplifier
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA656 Datasheet(HTML) 3 Page - Texas Instruments

  OPA656 Datasheet HTML 1Page - Texas Instruments OPA656 Datasheet HTML 2Page - Texas Instruments OPA656 Datasheet HTML 3Page - Texas Instruments OPA656 Datasheet HTML 4Page - Texas Instruments OPA656 Datasheet HTML 5Page - Texas Instruments OPA656 Datasheet HTML 6Page - Texas Instruments OPA656 Datasheet HTML 7Page - Texas Instruments OPA656 Datasheet HTML 8Page - Texas Instruments OPA656 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
5 Device Comparison Table
DEVICE
SUPPLY
VOLTAGE
(V)
GBW
(MHz)
INPUT
SLEW RATE
(V/μs)
VOLTAGE NOISE
(nV/√Hz)
MINIMUM STABLE
GAIN
(V/V)
OPA814
±6.3
250
FET
750
5.3
1
OPA817
±6.3
400
FET
1000
4.5
1
OPA818
±6.5
2700
FET
1400
2.2
7
OPA656
±5
230
FET
290
7
1
OPA858
±2.5
5500
CMOS
2000
2.5
7
OPA859
±2.5
900
CMOS
1150
3.3
1
THS4631
±15
210
FET
1000
7
1
6 Pin Configuration and Functions
1
2
3
4
8
7
6
5
NC
NC
NC
IN
IN+
VS
OUT
VS+
Figure 6-1. D Package, 8-Pin SOIC
(Top View)
1
2
3
4
OUT
VS-
VS+
IN+
IN-
5
Figure 6-2. DBV Package (Preview), 5-Pin SOT-23
(Top View)
Table 6-1. Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
D
(SOIC)
DBV
(SOT-23)
IN–
2
4
Input
Inverting input
IN+
3
3
Input
Noninverting input
NC
1, 5, 8
—
—
No internal connection to the die.
OUT
6
1
Output
Output of amplifier
VS–
4
2
Power
Negative power supply
VS+
7
5
Power
Positive power supply
www.ti.com
OPA814
SBOSA14 – APRIL 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: OPA814



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com