Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA5800CS Datasheet(PDF) 2 Page - NXP Semiconductors

Part # CA5800CS
Description  Wideband Linear Amplifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CA5800CS Datasheet(HTML) 2 Page - NXP Semiconductors

  CA5800CS Datasheet HTML 1Page - NXP Semiconductors CA5800CS Datasheet HTML 2Page - NXP Semiconductors CA5800CS Datasheet HTML 3Page - NXP Semiconductors CA5800CS Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CA5800C CA5800CS
2
MOTOROLA RF DEVICE DATA
2f1 - f2
f1 + f2
f2
IM3
PO
IM2
f1
ITO + PO )
IM3
2 @ IM3 u 60dB
Figure 1. 2–Tone Intermodulation, Test B
f3: sound
Psync
-8dB
IMD
-17dB
-10dB
f1
f1 + f3 - f2
f2
f3
f2: sideband
f1: video
Figure 2. 3–Tone TV Intermodulation Test
INPUT
C3
C2
C1
R1
OUTPUT
C4
VCC
C1, 2, 3, 4 ≥ 0.01 µF (Chip)
R1 = 90 OHMS, 3 WATTS
2345678 9
1
PIN CONFIGURATION
CA5800C (Case 714P–03, Style 2)
CA5800CS (Case 714T–03, Style 1)
Figure 3. External Connections
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com