Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56004ROM Datasheet(PDF) 31 Page - NXP Semiconductors

Part # DSP56004ROM
Description  SYMPHONY™AUDIO DSP FAMILY 24-BIT DIGITAL SIGNAL PROCESSORS
PDF  82 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56004ROM Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button DSP56004ROM Datasheet HTML 27Page - NXP Semiconductors DSP56004ROM Datasheet HTML 28Page - NXP Semiconductors DSP56004ROM Datasheet HTML 29Page - NXP Semiconductors DSP56004ROM Datasheet HTML 30Page - NXP Semiconductors DSP56004ROM Datasheet HTML 31Page - NXP Semiconductors DSP56004ROM Datasheet HTML 32Page - NXP Semiconductors DSP56004ROM Datasheet HTML 33Page - NXP Semiconductors DSP56004ROM Datasheet HTML 34Page - NXP Semiconductors DSP56004ROM Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 82 page
background image
Specifications
RESET, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56004/D, Rev. 3
2-7
RESET, STOP, MODE SELECT, AND INTERRUPT TIMING
Table 2-7
Reset, Stop, Mode Select, and Interrupt Timing (CL = 50 pF + 2 TTL Loads)
No.
Characteristics
All frequencies
Unit
Min
Max
10
Minimum RESET assertion width:
•
PLL disabled
•
PLL enabled1
25
× T
C
2500
× ET
C
—
—
ns
ns
14
Mode Select Setup Time
21
—
ns
15
Mode Select Hold Time
0
—
ns
16
Minimum Edge-triggered Interrupt Request Assertion
Width
13
—
ns
16a Minimum Edge-triggered Interrupt Request
Deassertation Width
13
—
ns
18 Delay from IRQA, IRQB, NMI Assertion to GPIO Valid
Caused by First Interrupt Instruction Execution
12
× T
C + TH
—ns
22
Delay from General Purpose Output Valid to Interrupt
Request Deassertation for Level Sensitive Fast
Interrupts—If Second Interrupt Instruction is: 2
•
Single Cycle
•
Two Cycles
TL – 31
(2
× T
C) + TL – 31
ns
ns
25
Duration of IRQA Assertion for Recovery from Stop State
12
—
ns
27
Duration for Level Sensitive IRQA Assertion to ensure
interrupt service (when exiting “Stop”)
•
Stable External Clock, OMR Bit 6 = 1
•
Stable External Clock, PCTL Bit 17 = 1
6
× T
C + TL
12
—
—
ns
ns
Note:
1.
This timing requirement is sensitive to the quality of the external PLL capacitor connected to the PCAP
pin. For capacitor values
≤ 2 nF, asserting RESET according to this timing requirement will ensure
proper processor initialization for capacitors with a
∆C/C < 0.5%. (This is typical for ceramic
capacitors.) For capacitor values > 2 nF, asserting RESET according to this timing requirement will
ensure proper processor initialization for capacitors with a
∆C/C < 0.01%. (This is typical for Teflon,
polystyrene, and polypropylene capacitors.) However, capacitors with values > 2 nF with a
∆C/C > 0.01% may require longer RESET assertion to ensure proper initialization.
2.
When using fast interrupts and IRQA and IRQB are defined as level-sensitive, then timing 22 applies to
prevent multiple interrupt service. To avoid these timing restrictions, the Negative Edge-triggered
mode is recommended when using fast interrupts. Long interrupts are recommended when using
Level-sensitive mode.
Figure 2-2 Reset Timing
RESET
10
VIHR
AA0251
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com