| Electronic Components Datasheet Search |
|
APR3/D Datasheet(PDF) 17 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
APR3/D Datasheet(HTML) 17 Page - NXP Semiconductors |
|
17 / 101 page ![]() DSP56001A Synchronous Serial Interface Port MOTOROLA DSP56001A/D, Rev. 1 1-11 SYNCHRONOUS SERIAL INTERFACE PORT Table 1-11 Synchronous Serial Interface (SSI) Signals Signal Name Signal Type State during Reset Signal Description SC0 PC3 Input or Output Input or Output Tri-stated Serial Clock 0 (SC0)—This signal’s function is determined by whether the SCLK is in Synchronous or Asynchronous mode. • In Synchronous mode, this signal is used as a serial I/O flag. • In Asynchronous mode, this signal receives clock I/O. Port C GPIO 3 (PC3) —This signal is GPIO signal PC3 when not configured as SCI signal SC0. After reset, the default state is GPIO input. SC1 PC4 Input or Output Input or Output Tri-stated Serial Clock 1 (SC1)—The SSI uses this bidirectional signal to control flag or frame synchronization. This signal’s function is determined by whether the SCLK is in Synchronous or Asynchronous mode. • In Asynchronous mode, this signal is frame sync I/O. • For Synchronous mode with continuous clock, this signal is a serial I/O flag and operates like the SC0. SC0 and SC1 are independent serial I/O flags, but may be used together for multiple serial device selection. Port C GPIO 4 (PC4) —This signal is GPIO signal PC4 when not configured as SSI function SC1. After reset, the default state is GPIO input. SC2 PC5 Input or Output Input or Output Tri-stated Serial Clock 2 (SC2)—The SSI uses this bidirectional signal to control frame synchronization only. As with SC0 and SC1, its function is defined by the SSI operating mode. Port C GPIO 5 (PC5) —This signal is GPIO signal PC5 when not configured as SSI function SC1. After reset, the default state is GPIO input. SCK PC6 Input or Output Input or Output Tri-stated SSI Serial Receive Clock—This bidirectional signal provides the serial bit rate clock for the SSI when only one clock is being used. Port C GPIO 6 (PC6) —This signal is GPIO signal PC6 when the SSI function is not being used. After reset, the default state is GPIO input. Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |