Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSP56307/D Datasheet(PDF) 49 Page - NXP Semiconductors

Part # DSP56307/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

DSP56307/D Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button DSP56307/D Datasheet HTML 45Page - NXP Semiconductors DSP56307/D Datasheet HTML 46Page - NXP Semiconductors DSP56307/D Datasheet HTML 47Page - NXP Semiconductors DSP56307/D Datasheet HTML 48Page - NXP Semiconductors DSP56307/D Datasheet HTML 49Page - NXP Semiconductors DSP56307/D Datasheet HTML 50Page - NXP Semiconductors DSP56307/D Datasheet HTML 51Page - NXP Semiconductors DSP56307/D Datasheet HTML 52Page - NXP Semiconductors DSP56307/D Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 156 page
background image
Specifications
Reset, Stop, Mode Select, and Interrupt Timing
MOTOROLA
DSP56307 Technical Data
2-13
Notes:
1.
VCCQL = 2.5 V ± 0.25 V; TJ = Ð40ûC to +100ûC, CL = 50 pF
2.
Periodically sampled and not 100% tested
3.
For an external clock generator, RESET duration is measured during the time in which RESET is asserted,
VCC is valid, and the EXTAL input is active and valid.
For internal oscillator, RESET duration is measured during the time in which RESET is asserted and VCC
is valid. The specified timing reflects the crystal oscillator stabilization time after power-up. This number
is affected both by the specifications of the crystal and other components connected to the oscillator and
reflects worst case conditions.
When the VCC is valid, but the other Òrequired RESET durationÓ conditions (as specified above) have not
been yet met, the device circuitry will be in an uninitialized state that can result in significant power
consumption and heat-up. Designs should minimize this state to the shortest possible duration.
4.
If PLL does not lose lock
5.
When fast interrupts and IRQA are being used, then IRQB, IRQC, and IRQD are defined as
level-sensitive; timings 19 through 21 apply to prevent multiple interrupt service. To avoid these timing
restrictions, we recommend the deasserted edge-triggered mode when fast interrupts are being used.
Long interrupts are recommended when any level-sensitive mode is being used.
6.
WS = number of wait states (measured in clock cycles, number of TC)
7.
Use expression to compute maximum value.
8.
This timing depends on several settings:
For PLL disable, if the internal oscillator (PLL Control Register (PCTL) Bit 16 = 0) is being used and the
oscillator is disabled during Stop (PCTL Bit 17 = 0), a stabilization delay is required to insure the oscillator
is stable before programs are executed. In that case, resetting the Stop delay (OMR Bit 6 = 0) will provide
the proper delay. While it is possible to set OMR Bit 6 = 1, it is not recommended and these specifications
do not guarantee timings for that case.
For PLL disable, if the internal oscillator (PCTL Bit 16 = 0) is being used and the oscillator is enabled
during Stop (PCTL Bit 17=1), then no stabilization delay is required, and recovery time will be minimal
(i.e., OMR Bit 6 setting is ignored).
For PLL disable, if the external clock (PCTL Bit 16 = 1) is being used, no stabilization delay is required,
and recovery time will be defined by the PCTL Bit 17 and OMR Bit 6 settings.
For PLL enable, if PCTL Bit 17 is 0, the PLL is shutdown during Stop. Recovery from Stop requires the
PLL to be locked. The duration of the PLL lock procedure (i.e., the PLL Lock Cycles (PLC)) may be in the
range of 0 to 1000 cycles. This procedure occurs in parallel with the stop delay counter, and stop recovery
will end when the last of these two events occurs. The stop delay counter completes count or PLL lock
procedure completion.
PLC value for PLL disable is 0.
The maximum value for ETC is 4096 (maximum MF) divided by the desired internal frequency. During
the stabilization period, TC, TH, and TL will not be constant, and their width may vary, so timing may
vary as well.
Table 2-7
Reset, Stop, Mode Select, and Interrupt Timing1 (Continued)
No.
Characteristics
Expression
100 MHz
Unit
Min
Max
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com
Not Recommended for New Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com