Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APR16/D Datasheet(PDF) 17 Page - NXP Semiconductors

Part # APR16/D
Description  24-BIT DIGITAL SIGNAL PROCESSOR
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

APR16/D Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button APR16/D Datasheet HTML 13Page - NXP Semiconductors APR16/D Datasheet HTML 14Page - NXP Semiconductors APR16/D Datasheet HTML 15Page - NXP Semiconductors APR16/D Datasheet HTML 16Page - NXP Semiconductors APR16/D Datasheet HTML 17Page - NXP Semiconductors APR16/D Datasheet HTML 18Page - NXP Semiconductors APR16/D Datasheet HTML 19Page - NXP Semiconductors APR16/D Datasheet HTML 20Page - NXP Semiconductors APR16/D Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 101 page
background image
DSP56001A
Synchronous Serial Interface Port
MOTOROLA
DSP56001A/D, Rev. 1
1-11
SYNCHRONOUS SERIAL INTERFACE PORT
Table 1-11
Synchronous Serial Interface (SSI) Signals
Signal Name
Signal
Type
State
during
Reset
Signal Description
SC0
PC3
Input or
Output
Input or
Output
Tri-stated Serial Clock 0 (SC0)—This signal’s function is determined by
whether the SCLK is in Synchronous or Asynchronous mode.
•
In Synchronous mode, this signal is used as a serial I/O flag.
•
In Asynchronous mode, this signal receives clock I/O.
Port C GPIO 3 (PC3)
—This signal is GPIO signal PC3 when not
configured as SCI signal SC0.
After reset, the default state is GPIO input.
SC1
PC4
Input or
Output
Input or
Output
Tri-stated Serial Clock 1 (SC1)—The SSI uses this bidirectional signal to
control flag or frame synchronization. This signal’s function is
determined by whether the SCLK is in Synchronous or
Asynchronous mode.
•
In Asynchronous mode, this signal is frame sync I/O.
•
For Synchronous mode with continuous clock, this signal is
a serial I/O flag and operates like the SC0.
SC0 and SC1 are independent serial I/O flags, but may be used
together for multiple serial device selection.
Port C GPIO 4 (PC4)
—This signal is GPIO signal PC4 when not
configured as SSI function SC1.
After reset, the default state is GPIO input.
SC2
PC5
Input or
Output
Input or
Output
Tri-stated Serial Clock 2 (SC2)—The SSI uses this bidirectional signal to
control frame synchronization only. As with SC0 and SC1, its
function is defined by the SSI operating mode.
Port C GPIO 5 (PC5)
—This signal is GPIO signal PC5 when not
configured as SSI function SC1.
After reset, the default state is GPIO input.
SCK
PC6
Input or
Output
Input or
Output
Tri-stated SSI Serial Receive Clock—This bidirectional signal provides the
serial bit rate clock for the SSI when only one clock is being used.
Port C GPIO 6 (PC6)
—This signal is GPIO signal PC6 when the SSI
function is not being used.
After reset, the default state is GPIO input.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com