Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PMEG6002EB Datasheet(PDF) 7 Page - Nexperia B.V. All rights reserved

Part # PMEG6002EB
Description  0.2 A very low VF MEGA Schottky barrier rectifiers
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

PMEG6002EB Datasheet(HTML) 7 Page - Nexperia B.V. All rights reserved

Back Button PMEG6002EB Datasheet HTML 2Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 3Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 4Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 5Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 6Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 7Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 8Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 9Page - Nexperia B.V. All rights reserved PMEG6002EB Datasheet HTML 10Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
PMEG6002EB_PMEG6002TV_1
Product data sheet
Rev. 01 — 24 November 2006
7 of 10
Nexperia
PMEG6002EB; PMEG6002TV
0.2 A very low VF MEGA Schottky barrier rectifiers
11. Soldering
Reflow soldering is the only recommended soldering method.
Dimensions in mm
Fig 7.
Reflow soldering footprint SOD523 (SC-79)
Reflow soldering is the only recommended soldering method.
Fig 8.
Reflow soldering footprint SOT666
mgs343
1.80
1.90
0.30
0.40
0.50
1.20
0.60
2.15
solder lands
solder resist
occupied area
solder paste
solder lands
solder resist
placement area
occupied area
0.075
Dimensions in mm
2.75
2.45
2.10
1.60
1.20
2.20
2.50
2.00 1.70 1.00
0.30 (2
×)
0.15
(4
×)
0.375
(4
×)
0.40
(6
×)
0.55
(2
×)
© Nexperia B.V. 2017. All rights reserved



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com