Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D7V0X1B2LP3-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # D7V0X1B2LP3-7
Description  ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

D7V0X1B2LP3-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  D7V0X1B2LP3-7 Datasheet HTML 1Page - Diodes Incorporated D7V0X1B2LP3-7 Datasheet HTML 2Page - Diodes Incorporated D7V0X1B2LP3-7 Datasheet HTML 3Page - Diodes Incorporated D7V0X1B2LP3-7 Datasheet HTML 4Page - Diodes Incorporated D7V0X1B2LP3-7 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
D7V0X1B2LP3-7
Document number: DS41894 Rev. 1 - 2
2 of 5
www.diodes.com
May 2019
© Diodes Incorporated
D7V0X1B2LP3-7
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Conditions
Peak Pulse Current
IPP
1.5
A
8/20µs, Per Figure 3
ESD Protection
– Contact Discharge
VESD_CONTACT
±15
kV
IEC 61000-4-2 Standard
ESD Protection
– Air Discharge
VESD_AIR
±15
kV
IEC 61000-4-2 Standard
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Package Power Dissipation (Note 6)
PD
250
mW
Thermal Resistance, Junction to Ambient (Note 6)
RJA
500
C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +150
C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Standoff Voltage
VRWM
—
—
7.0
V
—
Channel Leakage Current (Note 7)
IRM
—
—
200
nA
VRWM = 7.0V
Breakdown Voltage
VBR
8.0
—
—
V
IR = 1mA
Clamping Voltage
VCL
—
—
14
V
IPP = 1A, tP = 8/20µs
Channel Input Capacitance
CT
—
0.23
0.4
pF
VR = 2.5V, f = 1MHz
—
0.3
—
pF
VR = 0V, f = 1MHz
Notes:
6. Device mounted on FR-4 PCB pad layout (2oz copper) as shown on Diodes
Incorporated’s suggested pad layout, which can be found on our website at
http://www.diodes.com/package-outlines.html.
7. Short duration pulse test used to minimize self-heating effect.
T , AMBIENT TEMPERATURE (癈 )
Figure 1 Power Derating Curve
A
25
50
75
100
125
150
0
175
0
25
50
75
100
125
150
175
200
225
250
Note 5
0
50
25
50
75
100
125
150
T , AMBIENT TEMPERATURE (癈 )
Figure 2 Pulse Derating Curve
A
0
100
25
75
175 200
(
oC)
(
oC)
Note 6



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com