Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1192139 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1192139
Description  NBC-M12MSD/ 2,0-93F/R4AC - Network cable
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1192139 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1192139 Datasheet HTML 1Page - PHOENIX CONTACT 1192139 Datasheet HTML 2Page - PHOENIX CONTACT 1192139 Datasheet HTML 3Page - PHOENIX CONTACT 1192139 Datasheet HTML 4Page - PHOENIX CONTACT 1192139 Datasheet HTML 5Page - PHOENIX CONTACT 1192139 Datasheet HTML 6Page - PHOENIX CONTACT 1192139 Datasheet HTML 7Page - PHOENIX CONTACT 1192139 Datasheet HTML 8Page - PHOENIX CONTACT 1192139 Datasheet HTML 9Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Ni/Au (Contact surface)
PA (Contact carriers)
Material
PA (Housing)
Cable/line
Cable length
2 m
Highly flexible Ethernet CAT5e [93F]
Dimensional drawing
UL AWM Style
2463 (80 °C / 600 V)
Number of positions
4
Shielded
yes
Cable type
Highly flexible Ethernet CAT5e [93F]
Conductor structure
2x2xAWG24/7; SF/UTP
Conductor structure signal line
7x 0.20 mm (7x32)
AWG signal line
24
Conductor cross section
2x 2x 0.2 mm²
Wire diameter incl. insulation
1.2 mm
External cable diameter
6.7 mm ±0.25 mm
Outer sheath, material
TPE
External sheath, color
Teal
Conductor material
Tin-plated Cu litz wires
Material wire insulation
PE
Single wire, color
white/orange-orange, white/green-green
Twisted pairs
2 cores to the pair
Overall twist
2 pairs to the core
Optical shield covering
75 %
Wave impedance
100 Ω ±15 Ω (at 100 MHz)
Cable impedance
100 Ω ±15 Ω (at 1 ... 100 MHz)
Nominal voltage, cable
600 V
Test voltage
2000 V
1000000
Max. bending cycles
20000000 (126 cycles/min. @ 20°C)
Torsion force
360 °/m (1 lb. load)
Torsion cycles
3000000
Torsional frequency
71 (cycles/min)
Ambient temperature (operation)
20 °C
NBC-M12MSD/ 2,0-93F/R4AC - Network cable
1192139
https://www.phoenixcontact.com/us/products/1192139
May 12, 2023, 7:04 AM
Page 3 (9)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com