Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CEU3133 Datasheet(PDF) 1 Page - CET-MOS Technology Corp.

Part # CEU3133
Description  P-Channel Enhancement Mode Field Effect Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CET-MOS [CET-MOS Technology Corp.]
Direct Link  https://www.cet-mos.com/en/index.asp
Logo CET-MOS - CET-MOS Technology Corp.

CEU3133 Datasheet(HTML) 1 Page - CET-MOS Technology Corp.

  CEU3133 Datasheet HTML 1Page - CET-MOS Technology Corp. CEU3133 Datasheet HTML 2Page - CET-MOS Technology Corp. CEU3133 Datasheet HTML 3Page - CET-MOS Technology Corp. CEU3133 Datasheet HTML 4Page - CET-MOS Technology Corp. CEU3133 Datasheet HTML 5Page - CET-MOS Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
P-Channel Enhancement Mode Field Effect Transistor
FEATURES
-30V, -35A, RDS(ON) = 16mW @VGS = -10V.
Super high dense cell design for extremely low RDS(ON).
High power and current handing capability.
TO-251 & TO-252 package.
ABSOLUTE MAXIMUM RATINGS Tc = 25 C unless otherwise noted
Parameter
Symbol
Rating
Units
Drain-Source Voltage
Gate-Source Voltage
Drain Current-Continuous
Drain Current-Pulsed a
Maximum Power Dissipation @ TC = 25 C
- Derate above 25 C
VDS
VGS
ID
PD
IDM
-30
0.25
31
-140
-35
V
W
A
A
V
W/ C
1
S
G
D
CEU SERIES
TO-252(D-PAK)
CED SERIES
TO-251(I-PAK)
G
G
S
S
D
D
RDS(ON) = 27mW @VGS = -4.5V.
CED3133/CEU3133
RoHS compliant.
http://www.cet-mos.com
Rev 2. 2018.Dec
Details are subject to change without notice .
±25
Operating and Store Temperature Range
TJ,Tstg
-55 to 150
C
Thermal Characteristics
Thermal Resistance, Junction-to-Case
Thermal Resistance, Junction-to-Ambient
Parameter
Symbol
Limit
Units
C/W
C/W
50
4
RqJC
RqJA


Similar Part No. - CEU3133

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEU3100 CET-CEU3100 Datasheet
415Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
CEU3100 DOINGTER-CEU3100 Datasheet
1Mb / 4P
N-Channel MOSFET uses advanced trench technology
logo
CET-MOS Technology Corp...
CEU3100 CET-MOS-CEU3100 Datasheet
661Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
Rev 2. 2012.Mar
CEU3109 CET-MOS-CEU3109 Datasheet
841Kb / 7P
Dual Enhancement Mode Field Effect Transistor (N and P Channel)
Rev 1. 2014.Nov
CEU3112 CET-MOS-CEU3112 Datasheet
441Kb / 5P
N-Channel Enhancement Mode Field Effect Transistor
Rev 1. 2021.Dec
More results

Similar Description - CEU3133

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOD419 AOSMD-AOD419 Datasheet
119Kb / 5P
P-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM4435A CET-CEM4435A Datasheet
106Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CES2321 CET-CES2321 Datasheet
108Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED2303 CET-CED2303 Datasheet
140Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
CED3423 CET-CED3423 Datasheet
258Kb / 4P
P-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
BSS84W DIODES-BSS84W_1 Datasheet
100Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30205 Rev. 9 - 2
DMP2104V DIODES-DMP2104V Datasheet
231Kb / 4P
P-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30942 Rev. 3 - 2
logo
Chenmko Enterprise Co. ...
CHM2331PT CHENMKO-CHM2331PT Datasheet
482Kb / 3P
P-Channel Enhancement Mode Field Effect Transistor
CHM4431JPT CHENMKO-CHM4431JPT Datasheet
190Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
CHM4435AZPT CHENMKO-CHM4435AZPT Datasheet
199Kb / 2P
P-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com