Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC847B Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BC847B
Description  NPN general purpose transistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC847B Datasheet(HTML) 4 Page - NXP Semiconductors

  BC847B Datasheet HTML 1Page - NXP Semiconductors BC847B Datasheet HTML 2Page - NXP Semiconductors BC847B Datasheet HTML 3Page - NXP Semiconductors BC847B Datasheet HTML 4Page - NXP Semiconductors BC847B Datasheet HTML 5Page - NXP Semiconductors BC847B Datasheet HTML 6Page - NXP Semiconductors BC847B Datasheet HTML 7Page - NXP Semiconductors BC847B Datasheet HTML 8Page - NXP Semiconductors BC847B Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
2004 Feb 06
4
Philips Semiconductors
Product specification
NPN general purpose transistors
BC846; BC847; BC848
CHARACTERISTICS
Tamb =25 °C; unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector-base cut-off current
VCB =30V; IE =0
−−
15
nA
VCB =30V; IE =0;
Tj = 150 °C
−−
5
µA
IEBO
emitter-base cut-off current
VEB =5V; IC =0
−−
100
nA
hFE
DC current gain
IC =10 µA; VCE =5V
BC846A; BC847A
−
90
−
BC846B; BC847B; BC848B
−
150
−
BC847C
−
270
−
DC current gain
IC = 2 mA; VCE =5V
BC846
110
−
450
BC847
110
−
800
BC846A; BC847A
110
180
220
BC846B; BC847B; BC848B
200
290
450
BC847C
420
520
800
VCEsat
collector-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
90
250
mV
IC = 100 mA; IB = 5 mA;
note 1
−
200
600
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.5 mA
−
700
−
mV
IC = 100 mA; IB = 5 mA;
note 1
−
900
−
mV
VBE
base-emitter voltage
IC = 2 mA; VCE = 5 V
580
660
700
mV
IC = 10 mA; VCE =5V
−−
770
mV
Cc
collector capacitance
VCB =10V; IE =Ie =0;
f = 1 MHz
−
2.5
−
pF
fT
transition frequency
VCE =5V; IC =10mA;
f = 100 MHz
100
−−
MHz
F
noise figure
IC = 200 µA; VCE =5V;
RS =2kΩ; f = 1 kHz;
B = 200 Hz
−
210
dB



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com