Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ZSSC4151CE5R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # ZSSC4151CE5R
Description  Automotive Sensor Signal Conditioner with Analog Output
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ZSSC4151CE5R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button ZSSC4151CE5R Datasheet HTML 25Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 26Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 27Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 28Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 29Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 30Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 31Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 32Page - Renesas Technology Corp ZSSC4151CE5R Datasheet HTML 33Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 30 / 33 page
background image
(PCB Top View, NSMD Design)
4.00 ±0.10
4.00 ±0.10
Pin 1 ID
TOP VIEW
BOTTOM VIEW
SIDE VIEW
RECOMMENDED LAND PATTERN
NOTES:
1.
JEDEC compatible.
2.
All dimensions are in mm and angles are in degrees.
3.
Use ±0.05 mm for the non-toleranced dimensions.
4.
Numbers in ( ) are for references only.
5.
Wettable flank (step cut).
1
6
7
12
13
18
24
19
0.50
0.25
0.40
2.50 ±0.10
2.50 ±0.10
2.50
2.50
3.20 4.30
4.30
0.25
0.50
Package
Outline
C0.35
C0.35
(0.20)
0.85 ±0.05
0.08 C
DETAIL A
Symbol
Unit (mm)
MIN
MAX
FD
0.100
-
FW
0.001
0.075
Table 1: Dimensions of wettable flank (DETAIL A)
TERMINAL CROSS SECTION
Detail A
C
0.203 ref.
0.40 ±0.10
FD
FW
SEATING PLANE
0.05 Max
© Renesas Electronics Corporation
Package Outline Drawing
Package Code:NLG24S2
24-VFQFPN 4.0 x 4.0 x 0.85 mm Body, 0.5mm Pitch
PSC-4192-05, Revision: 06, Date Created: Aug 1, 2022



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com