Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DR332 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # DR332
Description  Surface Mount Data Line Chokes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

DR332 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  DR332 Datasheet HTML 1Page - Bourns Electronic Solutions DR332 Datasheet HTML 2Page - Bourns Electronic Solutions DR332 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
DR332 Series Surface Mount Data Line Chokes
REV. 05/05
Impedance vs. Frequency
10
100
1000
10000
100000
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-513AE
-253AE
-113BE
-474BE
-104AE
Insertion Loss vs. Frequency
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
Frequency (MHz)
-475BE
-105BE
-474BE
-104AE
-513AE
-253AE
-113BE
100
1000
1
10
100
1000
10000
Frequency (MHz)
-513BE
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
0.1
1
10
100
1000
Frequency (MHz)
-513BE
Solder Profile
0
50
100
150
200
250
300
0
50
100
150
200
250
300
Time
(Seconds)
<1> Max. of 70 seconds > 200 °C
<2> Max. of 50 seconds > 230 °C
<3> Max. of 10 seconds > 255 °C
230 °C
<1>
255 °C
<2>
<3>
245 °C
260 °C
120 - 150 seconds
Ramp-up
4 °/second maximum
Ramp-down
5 °C/second maximum



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com