Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L21 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # L21
Description  Line Feed Resistors w/Thermal Fuse
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

L21 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  L21 Datasheet HTML 1Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Specifications are subject to change without notice.
Customers should verify device performance in their specific applications.
REV. A 06/05
L21 Line Feed Resistors w/Thermal Fuse
Product Characteristics
Resistor Tolerance
20 ohms to 100 ohms .....................................................±1 %
5.6 ohms .........................................................................±5 %
Ratio Tolerance
20 ohms to 100 ohms ..................................................±0.5 %
5.6 ohms ......................................................................±2.5 %
Operating Temperature.......................................-40 °C to +85 °C
Environmental Characteristics
TESTS PER MIL-STD-202
Humidity ..........................................................................103B
Solderability.....................................................................208D
Thermal Shock ................................................................107B
Resistance to Solvents ......................................................215
Resistance to Solder Heat ..............................................210D
Flammability ...................................................................UL 94V-0
IEC 695-2-2
Functional Characteristics
ITU-T K.20
Lightning Surge ................................................................1 KV
Power Induction........................................................600 Vrms
Power Contact..........................................................230 Vrms
UL 497A
Physical Characteristics
Body Style ..........................................................Open Frame SIP
Body Material...........................................................96% Alumina
Lead Frame Material..................................Copper, solder coated
Standard Parts Available Off the Shelf
........................................................5.6, 20, 30, 50, 100 ohms
How To Order
L21 A100AA
Model
(L21 = LFR w/Thermal Fuse)
Resistor Tolerance
• A5R6AA = 5.6 ohms
• A020AA = 20 ohms
• A030AA = 30 ohms
• A050AA = 50 ohms
• A100AA = 100 ohms
Custom values available; contact factory.
Features
■
Thick film technology
■
Bourns patented thermal fuse
■
Fail safe
■
Protection to ITU-T K.20
Applications
■
Analog Line Cards
■
CPE (Customer Premises Equipment)
■
DDS (Digital Data Systems)
■
DLC (Digital Loop Carriers)
■
T1/T3 Transmission Lines
■
ISDN
R1
1
4
2
R2
6
9
8
F1
F2
25.75
(1.010)
MAX.
TYP.
2 PLCS.
2.54
(.100)
2.54
(.100)
TYP.
3 PLCS.
5.08
(.200)
MAX. SEATED
HEIGHT
12.32
(0.485)
THICK
0.51 ±0.25
(.020 x .010)
DIA. HOLE
0.81
(.032)
3.175 + 0.64/-0.13
(.125 + .025/-.005)
REF.
0.84
(.033)
MAX. THICKNESS
3.18
(.125)
Circuit Schematic
Product Dimensions
Circuit Protection Division
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com
DIMENSIONS:
MM
(INCHES)


Similar Part No. - L21

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
L211N SCHNEIDER-L211N Datasheet
133Kb / 3P
Safety switch, light duty, fusible, 30A, 2 poles, 120 VAC, NEMA 1, neutral factory installed
Jun 23, 2021
logo
C&K Components
L212 CK-COMPONENTS-L212 Datasheet
329Kb / 6P
Miniature Slide Switches
L212 CK-COMPONENTS-L212 Datasheet
783Kb / 6P
Miniature Slide Switches
19 Mar 2019
logo
Connor-Winfield Corpora...
L212-155.52 CONNOR-WINFIELD-L212-155.52 Datasheet
119Kb / 2P
5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
ITT Industries
L212011MS02B ITT-L212011MS02B Datasheet
615Kb / 6P
Miniature Slide Switches
More results

Similar Description - L21

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE8070 NTE-NTE8070 Datasheet
20Kb / 1P
Thermal Cutoff (Thermal Fuse)
logo
Bourns Electronic Solut...
D22B BOURNS-D22B Datasheet
139Kb / 2P
Line Feed Resistors w/Resettable Polymer PTC & Overvoltage Protectors
L11B BOURNS-L11B Datasheet
125Kb / 1P
Line Feed Resistors w/Thermal Fuse & Overvoltage Protectors
L23 BOURNS-L23 Datasheet
138Kb / 2P
Line Feed Resistors w/Resettable Ceramic PTC
logo
Welwyn Components Limit...
ALFR-2 WELWYN-ALFR-2 Datasheet
136Kb / 2P
Telecommunications Line Feed Resistors
logo
KOA Speer Electronics, ...
WF5NC8 KOA-WF5NC8 Datasheet
99Kb / 2P
thermal fuse built-in resistors
logo
RCD COMPONENTS INC.
TFV3X110C-R100 RCD-TFV3X110C-R100 Datasheet
76Kb / 1P
THERMAL FUSE RESISTORS, 1/2W to 60W PERMANENT OR REPLACEABLE FUSE
logo
IRC - a TT electronics ...
ALFR-2B IRCTT-ALFR-2B Datasheet
175Kb / 2P
Telecommunications Line Feed Resistors
logo
KOA Speer Electronics, ...
WF5NC8G100K KOA-WF5NC8G100K Datasheet
257Kb / 2P
thermal fuse built-in resistors
logo
PHOENIX CONTACT
2900796 PHOENIX-2900796 Datasheet
54Kb / 2P
Fuse - THERMAL FUSE TF104
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com