Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MF-AAA210 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # MF-AAA210
Description  PTC Resettable Fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

MF-AAA210 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  MF-AAA210 Datasheet HTML 1Page - Bourns Electronic Solutions MF-AAA210 Datasheet HTML 2Page - Bourns Electronic Solutions MF-AAA210 Datasheet HTML 3Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications are subject to change without notice.
MF-AAA Series - PTC Resettable Fuses
Electrical Characteristics
Features
■
Fast tripping resettable circuit protection
■
Low internal resistance
■
Patents pending
■
Weldable nickel terminals
■
Agency recognition:
Applications
■
AAA size battery cells
One Hour
Ih
Typical
Initial
Post-Trip
Maximum
Tripped
Rated
Current Trip Limit
Resistance
Resistance
Time
Power
Current
Values
Standard Trip
To Trip
Dissipation
V max.
I max.
Amps
Amps
Amps
Amps
Ohms
Ohms
Seconds
Watts
Model
Volts
Amps
at 23°C
at 0°C
at 23°C
at 60°C
at 23°C
at 23°C
at 23°C
at 23°C
Hold
Hold
Trip
Hold
Trip
Hold
Trip
Min.
R1 Max.
Max.
Typ.
MF-AAA170
15
50
1.7
2.0
4.2
1.7
3.7
1.3
2.5
0.050
0.072
0.120
5 @ 8.5A
1.3
MF-AAA210
15
50
2.1
2.3
5.4
2.1
4.5
1.5
3.4
0.036
0.048
0.086
5 @ 10.5A
1.3
MF-AAA, REV. F, 11/02
Operating/Storage Temperature ........................-40°C to +85°C
Maximum Device Surface Temperature
in Tripped State ................................................125°C
Passive Aging......................................................+85°C, 1000 hours ......................................±5% typical resistance change
Humidity Aging....................................................+85°C, 85% R.H. 7 days ............................±5% typical resistance change
Thermal Shock ....................................................+85°C to -40°C, 20 times ............................±10% typical resistance change
Solvent Resistance ............................................MIL-STD-202, Method 215 ........................No change
Vibration ..............................................................MIL-STD-883C, Method A ..........................No change
Condition A
Environmental Characteristics
Test
Test Conditions
Accept/Reject Criteria
Visual/Mech. ......................................................Verify dimensions and materials..................Per MF physical description
Resistance ..........................................................In still air @ 23°C ........................................Rmin ≤ R ≤ Rmax
Time to Trip ........................................................Vmax, 23°C ................................................T ≤ max. time to trip (seconds)
Hold Current ......................................................30 min. at Ihold............................................No trip
Trip Cycle Life ....................................................Vmax, Imax, 100 cycles ..............................No arcing or burning
Trip Endurance....................................................Vmax, 48 hours ..........................................No arcing or burning
UL File Number ..................................................E 174545S
CSA File Number ................................................CA 110338
TÜV File Number ................................................R2057213
Test Procedures And Requirements For Model MF-AAA Series
Thermal Derating Chart - Ihold (Amps)
Ambient Operating Temperature
Model
-40˚C
-20˚C
0˚C
23˚C
40˚C
50˚C
60˚C
70˚C
85˚C
MF-AAA170
2.45
2.21
2.00
1.70
1.56
1.44
1.30
1.19
1.08
MF-AAA210
2.03
2.20
2.30
2.10
1.90
1.71
1.50
1.37
1.29
*Itrip is approximately two times Ihold.
NOTE: Model MF-AAA is agency approved for 10V.


Similar Part No. - MF-AAA210

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-ASML BOURNS-MF-ASML Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML-X BOURNS-MF-ASML-X Datasheet
627Kb / 6P
Low Ohmic PTC Resettable Fuses
MF-ASML010/6 BOURNS-MF-ASML010/6 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML010/6-2 BOURNS-MF-ASML010/6-2 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
MF-ASML020/6 BOURNS-MF-ASML020/6 Datasheet
352Kb / 7P
MF-ASML/X Series - Low Ohmic PTC Resettable Fuses
REV. D, 07/21
More results

Similar Description - MF-AAA210

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
MF-USMD005 BOURNS-MF-USMD005 Datasheet
70Kb / 4P
PTC Resettable Fuses
MF-VS BOURNS-MF-VS Datasheet
207Kb / 3P
PTC Resettable Fuses
MF-D BOURNS-MF-D Datasheet
24Kb / 1P
PTC Resettable Fuses
MF-MSMD BOURNS-MF-MSMD Datasheet
229Kb / 4P
PTC Resettable Fuses
MF-R BOURNS-MF-R Datasheet
281Kb / 6P
PTC Resettable Fuses
MF-SM030 BOURNS-MF-SM030 Datasheet
323Kb / 4P
PTC Resettable Fuses
MF-SMHT136 BOURNS-MF-SMHT136_12 Datasheet
348Kb / 4P
PTC Resettable Fuses
MF-SVS170 BOURNS-MF-SVS170_13 Datasheet
189Kb / 4P
PTC Resettable Fuses
MF-VS170N BOURNS-MF-VS170N Datasheet
181Kb / 3P
PTC Resettable Fuses
MF-R BOURNS-MF-R_15 Datasheet
375Kb / 6P
PTC Resettable Fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com