Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD1983 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1983
Description  HD Audio SoundMAX Codec
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1983 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1983 Datasheet HTML 6Page - Analog Devices AD1983 Datasheet HTML 7Page - Analog Devices AD1983 Datasheet HTML 8Page - Analog Devices AD1983 Datasheet HTML 9Page - Analog Devices AD1983 Datasheet HTML 10Page - Analog Devices AD1983 Datasheet HTML 11Page - Analog Devices AD1983 Datasheet HTML 12Page - Analog Devices AD1983 Datasheet HTML 13Page - Analog Devices AD1983 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD1983
Rev. 0 | Page 10 of 16
Table 8. Widget Parameters
NID
Widget
Caps
PCM Size,
Rate
Stream
Format
Pin
Caps
Input
Amp Caps
Con. List
Len
Power
States
Processing
Caps
GPIO
Caps
Vendor-
Specific
(Hex) Name
PID 091
PID 0A1
PID 0B1
PID 0C1
PID 0D1
PID 0E1
PID 0F1
PID 101
PID 111
PID F01
01
FUNCTION
000004C0 000E007F 00000001
00000000
00000009 00000001
80053F3D 00000084
02
S/PDIF
00030311 00020060 00000005
00000002
03
Front DAC
00000441 000E007F 00000001
00000000 00000009 00004601
00000010
04
Record ADC
00100501 000E007F 00000001
00000001 00000009
05
Port-D (Line Out) 00400185
00000017
00000002
80053F3D 00000008
06
Port-A
(Headphone Out)
00400185
0000001F
00000002
80053F3D 00000008
07
MONO_OUT
00400104
00000010
00000001
80053F3D
08
Port-B (Front
Microphone)
00400081
00001727
00000000
00000008
09
Port-C (Line In)
00400081
00001727
00000000
00000008
0A
S/PDIF_OUT
00400301
00000010
00000001
0B
Mono Selector
00300101
00000004
0C
Microphone
Selector/Boost
0030010D
00000002
00270300
0D
Line In Selector
00300101
00000002
0E
Analog Mixer
00200101
00000003
0F
Mono Mixer
00200100
00000001
00000002
10
Digital PC Beep
0070000C
00000000
800B0F0F
11
Front Mix Amp
0030010D
00000001
80051F17
12
Port-B Mix Amp
0030010D
00000001
80051F17
13
Port-C Mix Amp
0030010D
00000001
80051F17
14
Record Selector
0030010D
00000004
80050F00
15
Analog Power-
Down
00500500
00000004 00000009
1 PID = parameter ID.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com