| Electronic Components Datasheet Search |
|
IXHQ100PI Datasheet(PDF) 1 Page - IXYS Corporation |
|
|
|||||||||||||||||||||||||||||
IXHQ100PI Datasheet(HTML) 1 Page - IXYS Corporation |
|
1 / 4 page ![]() 1 1:0321 1:0351 Negative Voltage Hot Swap Controller with Active Power Filter Copyright © IXYS CORPORATION 2000 www.ixys.com 98716 (08/21/00) IXYS reserves the right to change limits, test conditions and dimensions. Active Power Filter only Evalvation Board CAUTION: These devices are sensitvie to electrostatic discharge; take caution when handling and assembling this component. Figure 1 Figure 1 Figure 1 Figure 1 Figure 1 4C ACTIVE POWER FILTER Although the IXHQ100 incorporates all the functions necessary to implement a state of the art negative voltage hot swap, a key feature of the IXHQ100 is its Power Active Filter. For those size and cost sensitive applications requiring only a Power Active Filter, the evaluation board schematic is given in Figure 1,with bill of materials in Figure 4. Figure 2 is aripple rejection plot of the Power Active Filter placed in the test circuit provided in Figure 3. Some of the advantages of a Power Active Filter over standard passive filters are: * Significantly reduced size of the power supply bypass capacitors. * Eliminate magnetic noise generation by eliminating the need for power filter inductors. * Reduced sensitivity to power supply noise. * Reduce size, weight, and overall system cost. |
Similar Part No. - IXHQ100PI |
|
Similar Description - IXHQ100PI |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |