Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SA555P Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SA555P
Description  PRECISION TIMERS
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SA555P Datasheet(HTML) 2 Page - Texas Instruments

  SA555P Datasheet HTML 1Page - Texas Instruments SA555P Datasheet HTML 2Page - Texas Instruments SA555P Datasheet HTML 3Page - Texas Instruments SA555P Datasheet HTML 4Page - Texas Instruments SA555P Datasheet HTML 5Page - Texas Instruments SA555P Datasheet HTML 6Page - Texas Instruments SA555P Datasheet HTML 7Page - Texas Instruments SA555P Datasheet HTML 8Page - Texas Instruments SA555P Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
www.ti.com
NA555, NE555, SA555, SE555
PRECISION TIMERS
SLFS022F – SEPTEMBER 1973 – REVISED JUNE 2006
ORDERING INFORMATION
VTHRES
TA
MAX
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
VCC = 15 V
PDIP – P
Tube of 50
NE555P
NE555P
Tube of 75
NE555D
SOIC – D
NE555
Reel of 2500
NE555DR
0
°C to 70°C
11.2 V
SOP – PS
Reel of 2000
NE555PSR
N555
Tube of 150
NE555PW
TSSOP – PW
N555
Reel of 2000
NE555PWR
PDIP – P
Tube of 50
SA555P
SA555P
–40
°C to 85°C
11.2 V
Tube of 75
SA555D
SOIC – D
SA555
Reel of 2000
SA555DR
PDIP – P
Tube of 50
NA555P
NA555P
–40
°C to 105°C
11.2 V
Tube of 75
NA555D
SOIC – D
NA555
Reel of 2000
NA555DR
PDIP – P
Tube of 50
SE555P
SE555P
Tube of 75
SE555D
SOIC – D
SE555D
–55
°C to 125°C
10.6
Reel of 2500
SE555DR
CDIP – JG
Tube of 50
SE555JG
SE555JG
LCCC – FK
Tube of 55
SE555FK
SE555FK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
FUNCTION TABLE
TRIGGER
THRESHOLD
DISCHARGE
RESET
OUTPUT
VOLTAGE(1)
VOLTAGE(1)
SWITCH
Low
Irrelevant
Irrelevant
Low
On
High
<1/3 VDD
Irrelevant
High
Off
High
>1/3 VDD
>2/3 VDD
Low
On
High
>1/3 VDD
<2/3 VDD
As previously established
(1)
Voltage levels shown are nominal.
2
Submit Documentation Feedback



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com