Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC869 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BC869
Description  PNP medium power transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BC869 Datasheet(HTML) 1 Page - NXP Semiconductors

  BC869 Datasheet HTML 1Page - NXP Semiconductors BC869 Datasheet HTML 2Page - NXP Semiconductors BC869 Datasheet HTML 3Page - NXP Semiconductors BC869 Datasheet HTML 4Page - NXP Semiconductors BC869 Datasheet HTML 5Page - NXP Semiconductors BC869 Datasheet HTML 6Page - NXP Semiconductors BC869 Datasheet HTML 7Page - NXP Semiconductors BC869 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DATA SHEET
Product specification
Supersedes data of 1998 Jul 16
1999 Apr 08
DISCRETE SEMICONDUCTORS
BC869
PNP medium power transistor
book, halfpage
M3D109


Similar Part No. - BC869

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
PNP Medium Power Transistor
logo
NXP Semiconductors
BC869 NXP-BC869 Datasheet
177Kb / 11P
PNP medium power transistor; 20 V, 1 A
2004 Nov 08
logo
Weitron Technology
BC869 WEITRON-BC869 Datasheet
522Kb / 3P
PNP Plastic-Encapsulate Transistor
logo
Micro Commercial Compon...
BC869 MCC-BC869 Datasheet
199Kb / 2P
PNP Medium Power Transistors
logo
Shenzhen Jin Yu Semicon...
BC869 HTSEMI-BC869 Datasheet
293Kb / 1P
TRANSISTOR (PNP)
More results

Similar Description - BC869

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PBSS5540Z PHILIPS-PBSS5540Z Datasheet
44Kb / 8P
PNP medium power transistor
1999 Aug 04
logo
STMicroelectronics
2SB772 STMICROELECTRONICS-2SB772 Datasheet
90Kb / 8P
PNP MEDIUM POWER TRANSISTOR
09-Sep-2005
2SB772 STMICROELECTRONICS-2SB772_07 Datasheet
109Kb / 8P
PNP medium power transistor
02-Oct-2007
logo
Guangdong Kexin Industr...
BC869 KEXIN-BC869 Datasheet
53Kb / 2P
PNP Medium Power Transistor
logo
Chenmko Enterprise Co. ...
2SA1036KPT CHENMKO-2SA1036KPT Datasheet
102Kb / 3P
Medium Power PNP Transistor
2SB1188PT CHENMKO-2SB1188PT Datasheet
242Kb / 3P
PNP Medium Power Transistor
logo
Galaxy Semi-Conductor H...
BC869 BILIN-BC869 Datasheet
142Kb / 3P
PNP medium power Transistor
logo
Guangdong Kexin Industr...
KCP69 KEXIN-KCP69 Datasheet
79Kb / 2P
PNP medium power transistor
logo
Rohm
UMT4403U3HZG ROHM-UMT4403U3HZG Datasheet
1Mb / 10P
PNP Medium Power Transistor
logo
SHIKUES Electronics
BC869 SKTECHNOLGY-BC869 Datasheet
414Kb / 2P
PNP Medium Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com