Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YD358 Datasheet(PDF) 2 Page - Wuxi Youda electronics Co.,LTD

Part # YD358
Description  DUAL OPERATIONNAL AMPLIFIER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOUDA [Wuxi Youda electronics Co.,LTD]
Direct Link  http://www.e-youda.com/
Logo YOUDA - Wuxi Youda electronics Co.,LTD

YD358 Datasheet(HTML) 2 Page - Wuxi Youda electronics Co.,LTD

  YD358 Datasheet HTML 1Page - Wuxi Youda electronics Co.,LTD YD358 Datasheet HTML 2Page - Wuxi Youda electronics Co.,LTD YD358 Datasheet HTML 3Page - Wuxi Youda electronics Co.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
YOUDA INTEGRATED CIRCUIT
YD358
ABSOLUTE MAXIMUM RATINGS
(Tamb=25℃)
PARAMETER
SYMBOL
VALUE
UNIT
Supply Voltage
Vcc
32
V
Differential Input Voltage
VI (DIFF)
±32
V
Input Voltage
VI
-0.3~32V
V
Power Dissipation(DIP8)
PD1
570
mW
Power Dissipation(SOP8)
PD2
260
mW
Operating Temperature
Topr
0 ~ +70
℃
Storage Temperature
Tstg
-65 ~ +150
℃
ELECTRICAL CHARACTERISTICS
(Ta=25℃, Vcc=5.0V, all voltage referenced to GND unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Offset Voltage
VIO
VCM=0 to VCC-1.5
VO(P)=1.4V, Rs=0
3.0
7.0
mV
Input Offset Current
IIO
2.0
50
nA
Input Bias Current
Ib
20
250
nA
Input Common-mode
Voltage Range
VI(R)
VCC=30V
0
VCC-1.5
V
0.8
2.0
mA
Supply Current
ICC
RL=∞, VCC=30V,
VCC=5V
0.5
1.2
mA
Large Signal Voltage
Gain
GV
VCC=15V, RL>2kΩ
VO(P)=1V to 11V
25
100
V/mV
VCC=30V, RL=2kΩ
26
V
V(OH)
VCC=30V, RL=10kΩ
27
28
V
Output Voltage Swing
V(OL)
VCC=5V, RL>10kΩ
5
20
mV
Common-mode
Rejection Radio
CMRR
65
80
dB
Power Supply
Rejection Ratio
PSRR
65
100
dB
Channel Separation
CS
f=1kHz to 20kHz
5
20
mV
Short Circuit To GND
ISC
40
60
mA
Output Current
Isource
VI(+)=1V,VI(-)=0
VCC=15V, VO(P)=2V
20
40
mA
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=2V
10
20
mA
Output Current
Isink
VI(+)=0V, VI(-)=1V
VCC=15V, VO(P)=200mV
12
50
μA
Differential Input
Voltage
VID
VCC
V
WuXi YouDa Electronics Co., Ltd
2 of 3
Website: www.e-youda.com



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com