Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD12401/KIT Datasheet(PDF) 8 Page - Analog Devices

Part # AD12401/KIT
Description  12-Bit, 400 MSPS A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD12401/KIT Datasheet(HTML) 8 Page - Analog Devices

Back Button AD12401/KIT Datasheet HTML 4Page - Analog Devices AD12401/KIT Datasheet HTML 5Page - Analog Devices AD12401/KIT Datasheet HTML 6Page - Analog Devices AD12401/KIT Datasheet HTML 7Page - Analog Devices AD12401/KIT Datasheet HTML 8Page - Analog Devices AD12401/KIT Datasheet HTML 9Page - Analog Devices AD12401/KIT Datasheet HTML 10Page - Analog Devices AD12401/KIT Datasheet HTML 11Page - Analog Devices AD12401/KIT Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD12401
Rev. A | Page 8 of 28
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
Value
VA to AGND
5 V
VC to DGND
4 V
VD to DGND
1.6 V max
Analog Input Voltage
6 V (dc)
Analog Input Power
18 dBm (ac)
ENCODE Input Voltage
6 V (dc)
ENCODE Input Power
12 dBm (ac)
Logic Inputs
−0.3 V to +4 V
Storage Temperature Range, Ambient
−65°C to +150°C
Operating Temperature Range
0°C to 60°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
Table 6.
Level
Description
I
100% production tested.
II
100% production tested at 25°C and sample tested at specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design and characterization testing for industrial temperature range; 100%
production tested at temperature extremes for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com