Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM25TP Datasheet(PDF) 3 Page - 3M Electronics

Part # EM25TP
Description  3M™ Flux Field Directional Material (FFDM) EM25TP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

EM25TP Datasheet(HTML) 3 Page - 3M Electronics

  EM25TP Datasheet HTML 1Page - 3M Electronics EM25TP Datasheet HTML 2Page - 3M Electronics EM25TP Datasheet HTML 3Page - 3M Electronics EM25TP Datasheet HTML 4Page - 3M Electronics EM25TP Datasheet HTML 5Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3M™ Flux Field Directional Material (FFDM) EM25TP
It should be noted that once a maximum performance level is established for the end use device using the 3M FFDM
EM25TP as an EMI absorber, the overall design can be reviewed to understand if other, non-FFDM changes not initially
considered, but now possible with the new performance level associated with using the 3M FFDM materials could be
considered. An example would be the absorber reducing EMI noise levels to allow for improved antenna Signal to Noise
(SNR) ratio that could allow for higher data transfer speeds and/or longer range performance.
Effectiveness
3M™ Flux Field Directional Materials EM25TP performance and effectiveness is based on several application
considerations:
1) Permeability (u’) and Loss (u”) of this material at the frequency range or frequency peak of the intended
application can affect the performance. Permeability and Loss of the 3M FFDM EM25TP varies with frequency
and is a measure of how well the EM material may couple with the EM field and impact performance.
2) Thickness of the 3M FFDM EM25TP product can be used to optimize an applications performance.
3) End use application orientation and location affects the 3M EM products interaction with an EM field.
Typical Physical Properties and Performance Characteristics
Note: The following technical information and data should be considered representative or typical only and should not be used for
specification purposes. Final product specifications and testing methods will be outlined in the products Certificate of Analysis
(COA) that is provided once the product is approved by 3M for general commercialization and development work is completed.
*Permeability and noted results of Vibrating Sample Magnetometers (VSMs) can vary with test method and/or
equipment used for testing at different test sites
** Based on general environmental performance characteristics of the polymer binder resin type. Each application
should verify temperature and environmental performance in the end-use specific configuration.
*** ASTM D257 Type Test Method
3M™ Flux Field Directional Material EM25TP
Property
Value
Electrical Resistivity***
2 x 104 Ωm
Typical Permeability (@1 MHz)*
250
Temperature Range**
-25 ~ 90°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com