Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NP83P06PDG Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP83P06PDG
Description  -60V – -83A – P-channel Power MOS FET Application : Automotive
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP83P06PDG Datasheet(HTML) 7 Page - Renesas Technology Corp

  NP83P06PDG Datasheet HTML 1Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 2Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 3Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 4Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 5Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 6Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 7Page - Renesas Technology Corp NP83P06PDG Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
NP83P06PDG
R07DS1516EJ0100 Rev.1.00
Page 7 of 7
Jun.10.2022
Package Dimensions
Ordering Information
Part No.
Quantity
Shipping container
NP83P06PDG-E1-AY
800pcs/reel
Taping
Remark Strong electric field, when exposed to this device, can cause destruction of the gate oxide
and ultimately degrade the device operation. Steps must be taken to stop generation of
static electricity as much as possible, and quickly dissipate it once, when it has occurred.
10.0 ± 0.3
7.88 Min.
4
12
3
Pin No.
0.5
2.54
2.54
0.75 ± 0.2
Unit : mm
Mass : 1.48g
4.45 ± 0.2
1.3 ± 0.2
0.025 to 0.25
0.6 ± 0.2
0 to 8º
0.25



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com