Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-0095 Datasheet(PDF) 17 Page - FCI connector

Part # HT-0095
Description  Mini PV Receptacles 22-32 AWG Crimping Hand Tool
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector

HT-0095 Datasheet(HTML) 17 Page - FCI connector

Back Button HT-0095 Datasheet HTML 10Page - FCI connector HT-0095 Datasheet HTML 11Page - FCI connector HT-0095 Datasheet HTML 12Page - FCI connector HT-0095 Datasheet HTML 13Page - FCI connector HT-0095 Datasheet HTML 14Page - FCI connector HT-0095 Datasheet HTML 15Page - FCI connector HT-0095 Datasheet HTML 16Page - FCI connector HT-0095 Datasheet HTML 17Page - FCI connector HT-0095 Datasheet HTML 18Page - FCI connector  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
ELECTRONICS
FCI Electronics
Manual Part No. 415988-001
Issued: Date (03/12/99)
Page 17 of 18
Rev. 05/07/01 ECR V10337
Revision B
K\DCU\Manuals
Hand Tool Repair Policy
FCI Electronics charges a standard rate to repair any hand tool not under warranty. Phone Toll
Free 1-800-237-2374 to obtain a Return Material Authorization number (RMA), shipping
instructions and the current cost of repair. FCI will repair the hand tool and return it to you by the
fastest means possible.
Parts List for Figure 15. HT-95 Hand Tool Parts
Index
Qty
No.
Part No.
Description
Per
1
155089-001 CRIMPER HOLDER
1
2*
104958-1
INSULATION BARREL CRIMPER, 22-26 and 28-32 Gauge Wire
1
3*
104959-1
WIRE BARREL CRIMPER, 22-26 AND 28-32 Gauge Wire
1
4
102466-1
ANVIL HOLDER
1
5*
104914-1
INSULATION BARREL ANVIL, 28-32 Gauge Wire (A SIDE)
1
6*
104914-2
INSULATION BARREL ANVIL, 22-26 AWG Wire (B SIDE)
1
7*
104960-1
WIRE BARREL ANVIL, 28-32 Gauge Wire (A SIDE)
1
8*
104960-2
WIRE BARREL ANVIL, 22-26 AWG Wire (B SIDE)
1
9
915305-224 SCREW, Cap, Socket Hd, 4-40 NF x 3/8” lg.
8
10
102467-5
TERMINAL HOLDER
1
11
A-856-1
TOOL HOLDER, Adjustable
12
915305-559 SETSCREW, Socket Hd. 2-56 NF x 1/8” lg.
4
13
915305-205 SCREW, Cap, Socket Hd, 6-40 NF x ½” lg.
2
14*
104756-1
HOLDING PIN (0.025" sq. BergPin™ Material 0.430" lg.)
2
15
102468-1
GUIDE PIN
2
16
900066-001 "O" RING, 01-004
2
17
102470-1
HOLDING SPRING
2
18
104964-1
TONKER
2
19
A-1153
SPRING TONKER
2
20
A-1155
SPRING GUIDE
2
21
155014-001 SPRING RETAINER
1
22
144547-001 GUIDE RAIL
2
* Recommended Spare Parts
PDM: Rev:B
Released
STATUS:
Printed: Dec 19, 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com