Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SB4-OR-4XP-4X Datasheet(PDF) 2 Page - Pepperl+Fuchs Inc.

Part # SB4-OR-4XP-4X
Description  Safety control unit
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PF [Pepperl+Fuchs Inc.]
Direct Link  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

SB4-OR-4XP-4X Datasheet(HTML) 2 Page - Pepperl+Fuchs Inc.

  SB4-OR-4XP-4X Datasheet HTML 1Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 2Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 3Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 4Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 5Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 6Page - Pepperl+Fuchs Inc. SB4-OR-4XP-4X Datasheet HTML 7Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Technical Data
B10d
see instruction manuals
Type
4
Indicators/operating means
Diagnostics indicator
7-segment display
Function indicator
LED red: OSSD OFF
LED green: OSSD ON
Yellow LED: start readiness channel 1 - 8
LED yellow: switching state (receiver)
Stability alarm indicator
LED yellow flashing: Indicator lamp channel 1 ... 8
Electrical specifications
Operating voltage
UB
24 V DC, ± 20 %
No-load supply current
I0
max. 500 mA
Protection class
no identification ; see instruction manuals
Input
Activation current
approx. 7 mA
Activation time
0.4 ... 1.2 s
Test input
Reset-input for system test
Output
Safety output
2 relay outputs, force-guided NO-contact
Signal output
Output for displaying the switching state of the OSSDs
Switching voltage
10 V ... 250 V AC/DC
Switching current
min. 10 mA , max. 6 A AC/DC
Switching power
DC: max. 24 VA
AC: max. 230 VA
Response time
38 ms
Conformity
Functional safety
ISO 13849-1 ; EN 61508 part1-4
Product standard
EN 61496-1
Approvals and certificates
CE conformity
CE
UKCA conformity
UKCA
UL approval
cULus
TÜV approval
TÜV
Ambient conditions
Ambient temperature
0 ... 50 °C (32 ... 122 °F)
Storage temperature
-20 ... 70 °C (-4 ... 158 °F)
Relative humidity
max. 95 %, not condensing
Shock resistance
see instruction manuals
Vibration resistance
see instruction manuals
Mechanical specifications
Degree of protection
IP20
Connection
screw terminals , lead cross section 0.2 ... 2 mm2
Material
Housing
Polyamide (PA)
Mass
430 g
Safety control unit
SB4-OR-4XP-4X
2
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com