Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DBLC03CI Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DBLC03CI
Description  ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DBLC03CI Datasheet(HTML) 1 Page - Diodes Incorporated

  DBLC03CI Datasheet HTML 1Page - Diodes Incorporated DBLC03CI Datasheet HTML 2Page - Diodes Incorporated DBLC03CI Datasheet HTML 3Page - Diodes Incorporated DBLC03CI Datasheet HTML 4Page - Diodes Incorporated DBLC03CI Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DBLC03CI
Document number: DS43652 Rev. 1 - 2
1 of 5
www.diodes.com
January 2022
© Diodes Incorporated
DBLC03CI
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
Product Summary
VBR min
Ipp max
CIN typ
4V
19A
0.7pF
Description
The DBLC03CI is an ultra-low capacitance, bidirectional, Electro
Static Discharge (ESD) protection diode in a small Surface-Mounted
Device (SMD) plastic package designed to protect one data line from
damage caused by ESD.
Applications
Ethernet
– 10/100/1000 base T
Handheld wireless systems
USB interfaces
Features
Provides ESD Protection per IEC 61000-4-2 Standard:
Air ±30kV, Contact ±27kV
1 Channel of ESD Protection
Low Channel Input Capacitance
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Mechanical Data
Package: SOD323
Package
Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Matte Tin Finish Annealed over Alloy 42 Leadframe
(Lead-Free Plating). Solderable per MIL-STD-202, Method 208
Weight: 0.004 grams (Approximate)
Ordering Information (Note 4)
Product
Compliance
Marking
Reel size(inches)
Tape width(mm)
Quantity per reel
DBLC03CI-7
Commercial
7
8
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at https://www.diodes.com/design/support/packaging/diodes-packaging/.
Marking Information
Device Schematic
SOD323
Top View
= Product Type Marking Code
e3
e3
e3


Similar Part No. - DBLC03CI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DBLC05CI DIODES-DBLC05CI Datasheet
459Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC05CI-7 DIODES-DBLC05CI-7 Datasheet
459Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC08CI DIODES-DBLC08CI Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC08CI-7 DIODES-DBLC08CI-7 Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
More results

Similar Description - DBLC03CI

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D5V0X1B2LP DIODES-D5V0X1B2LP Datasheet
319Kb / 5P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
Rev 4
logo
Shanghai Leiditech Elec...
ULC0521CDN LEIDITECH-ULC0521CDN Datasheet
1Mb / 4P
ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
logo
Diodes Incorporated
D5V0F1B2WS DIODES-D5V0F1B2WS Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
D5V0FA1B2WS DIODES-D5V0FA1B2WS Datasheet
401Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
Rev. 1 - 2 September 2022
DBLC05CI DIODES-DBLC05CI Datasheet
459Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC08CI DIODES-DBLC08CI Datasheet
461Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC12CI DIODES-DBLC12CI Datasheet
455Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC15CI DIODES-DBLC15CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC18CI DIODES-DBLC18CI Datasheet
462Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
DBLC24CI DIODES-DBLC24CI Datasheet
454Kb / 5P
ULTRA-LOW CAPACITANCE BIDIRECTIONAL TVS
January 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com