Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0059586A2 Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # 0059586A2
Description  FERRITE CORE TOROID 38NH EDGE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

0059586A2 Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  0059586A2 Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
0059586A2
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1)800-245-3984
HK Sales : (852)3102-9337
magnetics@spang.com
www.mag-inc.com
Electrical Characteristics
Physical Characteristics
Watt Loss @
100kHz, 100mT
DC Bias
min (Oersteds)
Voltage Breakdown
wire-to-wire min
(VAC)
Break
Strength
(min, kg)
Window
Area, WA
(mm
2)
Cross
Section, Ae
(mm
2)
Path
Length, Le
(mm)
Volume Ve
(mm
3)
Weight (g)
(max, mW/cm
3)
80%
50%
525
100
180
3000
53.5
399
46.4
89.5
4150
33.4
Winding Information
Temperature Rating
Winding Length per Turn
Wound Coil Dimensions (mm)
Curie Temp (°C):
500 °C
Winding
Factor
(mm)
Winding
Factor
(mm)
40% Winding Factor
OD
40.5
Coating Temp:
(Continuous, up to; °C)
200 °C
HT
16.8
0%
32.2
40%
44.0
Completely Full
Window
Max OD
50.1
Notes:
20%
38.1
45%
45.6
Max HT
29.0
25%
39.6
50%
47.3
Surface Area (mm
2)
30%
40.6
60%
50.8
Unwound Core:
2900
35%
42.5
70%
54.9
40% Wound:
5500
0.0
5.0
10.0
15.0
20.0
25.0
30.0
35.0
40.0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
A·T
Typical DC Bias Performance
80%
50%
Edge
Permeability (µ)
AL (nH/T
2)
Core Marking
Coating
Color
Lot
Number
Part
Number
Inductance
Grade
60
38 ± 8%
XXXXXX
59586A2
N/A
Green
Dimensions
Packaging
Uncoated
Coated Limits
Cardboard cut-outs
Box Qty = 300 Pcs
(mm)
(in)
(mm)
(in)
OD (A)
34.29
1.350
35.18
1.385
max
ID (B)
23.37
0.920
22.56
0.888
min
HT (C)
8.89
0.350
9.78
0.385
max


Similar Part No. - 0059586A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
logo
Tyco Electronics
005957-000 MACOM-005957-000 Datasheet
49Kb / 1P
SPECIFICATION CONTROL DRAWING
More results

Similar Description - 0059586A2

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059076A2 MAGNETICS-0059076A2 Datasheet
1Mb / 1P
FERRITE CORE TOROID 56NH EDGE
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059192A2 MAGNETICS-0059192A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 138NH EDGE
10/6/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
0059848A2 MAGNETICS-0059848A2 Datasheet
682Kb / 1P
FERRITE CORE TOROID 32NH EDGE
7/15/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com