Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMC025016010H Datasheet(PDF) 1 Page - Magnetics, a division of Spang & Co.

Part # CMC025016010H
Description  FERRITE CORE TOROID 65.5UH NANOC
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAGNETICS [Magnetics, a division of Spang & Co.]
Direct Link  https://www.mag-inc.com/
Logo MAGNETICS - Magnetics, a division of Spang & Co.

CMC025016010H Datasheet(HTML) 1 Page - Magnetics, a division of Spang & Co.

  CMC025016010H Datasheet HTML 1Page - Magnetics, a division of Spang & Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Dimensions
Bare (mm)
tol +/-
Case (mm)
tol +/-
OD (A)
25.0
typ
27.5
0.40
ID (B)
16.0
typ
13.8
0.40
HT (C)
10.0
0.20
12.6
0.40
10 kHz
1.0 V
100 kHz
1.0 V
Ae(cm
2)
Le (cm)
Weight (g)
Color
0.37
6.43
Black
PBT Class B 130°C
Material
Saturation Flux Density
Initial permeability
Curie Temperature
Continuous working Temperature
1/14/2021
110 Delta Drive
Pittsburgh, PA 15238
NAFTA Sales: (1) 800-245-3984
HK Sales: (852) 3102-9337
magnetics@spang.com
www.mag-inc.com
CMC025016010H
1.25 Tesla
80,000
AL (µH/T
2)
Conditions
560 °C
-40 °C to +130 °C
65.5 +/- 30%
14.3 Min
Nanocrystalline
17.6 Ref
-1500
-1000
-500
0
500
1000
1500
-25
-20
-15
-10
-5
0
5
10
15
20
25
B(mT)
H(A/m)


Similar Part No. - CMC025016010H

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMC02 TOSHIBA-CMC02 Datasheet
257Kb / 5P
For Strobe Discharge Circuit
logo
Magnetics, a division o...
CMC020012008H MAGNETICS-CMC020012008H Datasheet
145Kb / 1P
FERRITE CORE TOROID 61.5UH NANOC
1/14/2021
More results

Similar Description - CMC025016010H

ManufacturerPart #DatasheetDescription
logo
Magnetics, a division o...
0059050A2 MAGNETICS-0059050A2 Datasheet
691Kb / 1P
FERRITE CORE TOROID 56NH EDGE
10/5/2021
0059071A2 MAGNETICS-0059071A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 61NH EDGE
7/8/2022
0059120A2 MAGNETICS-0059120A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 72NH EDGE
9/30/2021
0059351A2 MAGNETICS-0059351A2 Datasheet
627Kb / 1P
FERRITE CORE TOROID 51NH EDGE
12/17/2021
0059380A2 MAGNETICS-0059380A2 Datasheet
694Kb / 1P
FERRITE CORE TOROID 89NH EDGE
10/6/2021
0059381A2 MAGNETICS-0059381A2 Datasheet
649Kb / 1P
FERRITE CORE TOROID 43NH EDGE
7/15/21
0059548A2 MAGNETICS-0059548A2 Datasheet
626Kb / 1P
FERRITE CORE TOROID 127NH EDGE
7/8/2022
CMC020012008H MAGNETICS-CMC020012008H Datasheet
145Kb / 1P
FERRITE CORE TOROID 61.5UH NANOC
1/14/2021
CMC030020010H MAGNETICS-CMC030020010H Datasheet
145Kb / 1P
FERRITE CORE TOROID 59.3UH NANOC
1/14/2021
CMC040032015H MAGNETICS-CMC040032015H Datasheet
141Kb / 1P
FERRITE CORE TOROID 47.2UH NANOC
1/14/2021
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com