Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DC79P Datasheet(PDF) 10 Page - ITT Industries

Part # 2DC79P
Description  The Centi Line - .075 Contact Spacing
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

2DC79P Datasheet(HTML) 10 Page - ITT Industries

Back Button 2DC79P Datasheet HTML 3Page - ITT Industries 2DC79P Datasheet HTML 4Page - ITT Industries 2DC79P Datasheet HTML 5Page - ITT Industries 2DC79P Datasheet HTML 6Page - ITT Industries 2DC79P Datasheet HTML 7Page - ITT Industries 2DC79P Datasheet HTML 8Page - ITT Industries 2DC79P Datasheet HTML 9Page - ITT Industries 2DC79P Datasheet HTML 10Page - ITT Industries 2DC79P Datasheet HTML 11Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
The Centi Line - .075" Contact Spacing
2D/CTA
2D/CTA CENTI-LOCTM Connectors Assembly Instructions
68
www.ittcannon.com
The Double Density D/CTA CENTI-LOC Connectors
are highly reliable and simple connectors to use.
There are a few helpful suggestions that will assure
complete satisfaction when followed:
1. The following instructions should be followed.
2. The proper crimp tool and locator (if required)
must be used. These tools have been designed
for use with this product. Substitutions of crimp-
ing equipment may result in connector failure at
the assembly operation.
3. After crimping a contact to a lead it is of vital
importance that the proper tool be used to assure
seating the contact in the insulator in the proper
position. Any substitution of insertion tools may
result in over or under insertion of the contact
which may damage the retention system of the
insulator.
4. The female (socket) side of the connector has
been designed with a controlled float to allow for
ease of mating. To avoid reducing this float or
causing a splaying of the contacts, any unneces-
sary strain caused by clamping the leads too
close to the rear of the connector should be
avoided.
Use of recommended tooling together with proper
assembly techniques will pay dividends in reliability
and reduced costs.
2D Assembly Instructions
Cut the wires to length required and strip .100" of
insulation from the end to be crimped. Check for
cut or broken wires and frayed insulation.
Using the proper crimp tool and locator, insert the
contact into the locator. Insert the stripped end of the
wire into the contact crimp pot, and crimp the contact to
the wire. Squeeze the handles firmly to insure a proper
crimp (tool will not release if crimping is incomplete).
NOTE: Contact stop must be changed in tool locator
when crimping pin and socket contacts.
1.
Place
the
proper
insertion
tip
in
the
insertion/-extraction handle and put the tip over the
wire as shown. The tool tip will butt up against the
crimp pot. Connector must be firmly supported
during both insertion and extraction operations.
2. Using a firm, steady pressure, push the contact into
the cavity until the resilient internal shoulder in the
insulator snaps into the locking groove in the contact.
The shoulder of the tool tip bottoms against the rear
of the insulator, preventing over-insertion. Repeat for
balance of contacts.
1. For contact extraction, remove the insertion tool
tip and replace it with the proper extraction tool tip.
(The socket tip will fit into the socket, and the pin
tip will slide over the pin bundle). Insert the tool tip
into the contact cavity: (the pin tip will butt up
against the shoulder of the pin contact, and the
socket tip will bottom out in the socket contact.)
2. Apply a firm, steady pressure until the contact is
released from the internal shoulder in the insulator. The
shoulder of the tool tip bottom against the insulator
face to prevent damage to the internal shoulder.
Remove the tool tip and pull the contact from the rear
of the connector. Repeat for the balance of contacts to
be removed.
WIRE STRIPPING
.100
(2.54)
CONTACT INSERTION
CONTACT EXTRACTION
CONTACT CRIMPING
Dimensions shown in inch (mm)
Specifications and dimensions subject to change



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com