Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VGLR Datasheet(PDF) 1 Page - AIC tech Inc.

Part # VGLR
Description  Useful of 8,000 hours at 105ºC
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AICTECH [AIC tech Inc.]
Direct Link  https://www.aictech-inc.com/en
Logo AICTECH - AIC tech Inc.

VGLR Datasheet(HTML) 1 Page - AIC tech Inc.

  VGLR Datasheet HTML 1Page - AIC tech Inc. VGLR Datasheet HTML 2Page - AIC tech Inc. VGLR Datasheet HTML 3Page - AIC tech Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCREW TERMINAL TYPE ALUMINUM ELECTROLYTIC CAPACITORS
(Example) VGLR Series 400V 15,000
μF±20%
VGLR 2G 153 Y F
Case height code
Case dia code
Type of bracket code
Capacitance code
Rated voltage code
Type of series
230
VGLR Series
• Conform RoHS
Features
• The permissible ripple current is improved to GXR type
by approx. 20
∼40% using the new heat radiation, low
ESR and the new anode foil.
Product Specifications
Product code
Items
Specifications
Temperature range
−40℃∼ +105℃
Rated voltage
350
∼ 500V.DC
Capacitance tolerance
±20%(20℃,120Hz)
Leakage current
0.01CV (
μA) or 5mA, whichever is smaller or less(20℃, after 5 minutes)
[C = nominal capacitance (μF), V = rated voltage (V)]
Dissipation factor
Less than the value specified in the standard products table.
(20℃,120Hz)
Permissible ripple current
As specified in the standard product table.
(105℃,120Hz)
Endurance
After the rated voltage with specified ripple current is applied at 105
℃ for 5,000 hours :
Capacitance change
:Within ±15% of the initial value measured
Dissipation factor
:175% or less than the initial value specified
Leakage current
:Less than or equal to the initial value specified
Shelf life
The following specification shall be meet when the capacitor are restored to 20
℃ after storage of 500 hours
at 105
℃ with no voltage applied. Before the measurement, the capacitor shall be preconditioned by applying
the voltage treatment according to Item 4.1 of JIS C 5101-4.
Capacitance change
:Within ±15% of the initial value measured
Dissipation factor
:175% or less than the initial value specified
Leakage current
:Less than or equal to the initial value specified
Others
J
ⅠS C 5101-4
(unit
:mm)
φDP
T
φd
Hexagon-
head bolt
Cap material
51
22.0
4.5
−
M5
×10
Phenol resin
64
28.6
8.0
11.0
M5
×10
Phenol resin
77
31.5
9.0
12.0
M6
×12
Phenol resin
90
31.5
8.0
12.0
M6
×12
Phenol resin
UPGRADE!
Ripple current correction coefficient
Temperature (
℃)
40
60
85
105
Correction
coefficient
350
∼ 450V.DC
2.10
1.90
1.55
1.00
500V.DC
2.10
2.00
1.87
1.00
Frequency (Hz)
120
300
1k
≧10k
Correction coefficient
1.0
1.1
1.3
1.4
Forced wind (m/s)
<0.5
0.5
≦
Correction coefficient
1.0
1.1
Dimensions
φ51±1
L±2
4.5±1
Anode marking
Insulation plate
Insulation sleeve
Vent
Hexagon-head bolt-s
L±2
T±1
φD±1
Vent
Insulation plate
Insulation sleeve
Hexagon-head bolt
●φ51
●φ64 ∼ 90
Bracket
• Refer to page 22-23 for shapes and dimensions.
• Product names in the Standard Products Table correspond to the bracket
for Type Y, but Type
Ⅰbracket may be used (Type of bracket code =Ⅰ).
• If bracket are not necessary, enter
“N”for the type of bracket code.
• Bracket will be delivered separately.
Terminal permissble currents : 60Arms for M5 ; 100Arms for M6.
Please use this type of capacitor at a terminal current below the permissible.
Refer to page 21 for product code.
→
VGLR
GXR3
High-ripple current
P.114
Obsoleted series


Similar Part No. - VGLR

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
VGL AICTECH-VGL Datasheet
83Kb / 3P
Useful of 8,000 hours at 105ºC
logo
Mitsumi Electronics, Co...
VGL-32CA MITSUMI-VGL-32CA Datasheet
33Kb / 2P
FTTH-VG Optical Communication V Groov Board
VGL-32FA MITSUMI-VGL-32FA Datasheet
33Kb / 2P
FTTH-VG Optical Communication V Groov Board
VGL-32HA MITSUMI-VGL-32HA Datasheet
33Kb / 2P
FTTH-VG Optical Communication V Groov Board
VGL-32SA MITSUMI-VGL-32SA Datasheet
33Kb / 2P
FTTH-VG Optical Communication V Groov Board
More results

Similar Description - VGLR

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
FX2 AICTECH-FX2 Datasheet
67Kb / 3P
Useful of 8,000 hours at 85ºC
GX2 AICTECH-GX2 Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
GX3 AICTECH-GX3 Datasheet
64Kb / 2P
Useful of 8,000 hours at 105ºC
GXA AICTECH-GXA Datasheet
65Kb / 2P
Useful of 8,000 hours at 105ºC
GXR3 AICTECH-GXR3 Datasheet
66Kb / 2P
Useful of 8,000 hours at 105ºC
HL AICTECH-HL Datasheet
87Kb / 4P
Useful of 8,000 hours at 105ºC
ZR AICTECH-ZR Datasheet
67Kb / 2P
Useful of 5,000 hours at 105ºC
VFLR AICTECH-VFLR Datasheet
86Kb / 3P
Useful of 8,000 hours at 85ºC
VG1E154YD094 AICTECH-VG1E154YD094 Datasheet
91Kb / 6P
Useful of 4,000 hours at 105ºC
VGL AICTECH-VGL Datasheet
83Kb / 3P
Useful of 8,000 hours at 105ºC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com