Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9503NH Datasheet(PDF) 2 Page - Belden Inc.

Part # 9503NH
Description  RS-232, 3PR #24 Str TC, PO ins, OS, LSZH Jkt, 300V
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9503NH Datasheet(HTML) 2 Page - Belden Inc.

  9503NH Datasheet HTML 1Page - Belden Inc. 9503NH Datasheet HTML 2Page - Belden Inc. 9503NH Datasheet HTML 3Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Nom. Capacitance Conductor to Conductor Nom. Capacitance Conductor to Other Conductor to Shield
98.4 pF/m
164 pF/m
Impedance
Frequency [MHz] Nominal Characteristic Impedance
N/A
75 Ohm
Current
Element
Max. Recommended Current [A]
Conductor(s) 1.76 Amps per Conductor
Voltage
Voltage Rating [V]
300 V
Temperature Range
Installation Temperature Range:
-15°C To +80°C
Storage Temperature Range:
-45°C To +80°C
Operating Temp Range (Flexible Install):
-15°C To +80°C
Operating Temp Range (Fixed Install):
-45°C To +80°C
Mechanical Characteristics
Oil Resistance:
IEC 60811-404
Max. Pull Tension:
150 N
Min. Bend Radius During Installation:
60.7 mm
Standards
CPR Euroclass:
Dca-s1,d1,a1
CENELEC Compliance:
EN 50290-2-20
Applicable Environmental and Other Programs
Environmental Space:
Indoor - Euroclass Dca
Suitability
Suitability - Sunlight Resistance:
Yes
Flammability, LS0H, Toxicity Testing
IEC Flammability:
IEC 60332-1-2, IEC 60332-3-24
IEC 60754-1 - Halogen Amount:
Zero
IEC 60754-2 - Halogen Acid Gas Amount - Max. Conductivity: 2.5 µS/mm
IEC 60754-2 - Halogen Acid Gas Amount - Min. pH:
4.3
IEC 61034-2 - Smoke Density Min. Transmittance:
60%
Related Part Numbers
Variants
Item #
Color
Put-Up Type
Length
EAN
9503NH.01500
Blue
Reel
500 m
8719605021120
9503NH.00152
Chrome Reel
152 m
8719605021090
9503NH.00305
Chrome Reel
305 m
8719605021106
9503NH.00500
Chrome Reel
500 m
8719605021113
9503NH.001000 Chrome Reel
1,000 m 8719605021083
9503NH.01200
Orange
Reel
200 m
8719605189233
9503NH.01250
Orange
Reel
250 m
8719605187079
History
Update and Revision:
Revision Number: 0.228 Revision Date: 12-20-2022



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com