Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

9506 Datasheet(PDF) 1 Page - Belden Inc.

Part # 9506
Description  RS232, #24-6pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BELDEN [Belden Inc.]
Direct Link  https://www.belden.com/
Logo BELDEN - Belden Inc.

9506 Datasheet(HTML) 1 Page - Belden Inc.

  9506 Datasheet HTML 1Page - Belden Inc. 9506 Datasheet HTML 2Page - Belden Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product: 9506
RS232, #24-6pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
Product Description
Computer EIA RS-232 Cable, 24 AWG stranded (7x32) tinned copper conductors, semi-rigid PVC insulation, 6 twisted pairs, overall Beldfoil® shield (100%
coverage), 24 AWG stranded tinned copper drain wire (continued), PVC jacket.
Technical Specifications
Product Overview
Suitable Applications:
RS-232 Applications; Computer Communications; Low Voltage Analog Signals (4-20ma, 0-10v, ...); Low Voltage Digital Control (24v, …); Line Level Audio; Panel Wiring
Construction Details
Conductor
Element Number of Element
Size
Stranding
Material
Pair(s)
6
24 AWG 7x32
TC - Tinned Copper
Insulation
Element
Material
Nom. Thickness
Nom. Insulation Diameter
Color Code
Pair(s)
SR-PVC - Polyvinyl Chloride (Semi-Rigid) 0.011 in (0.28 mm) 0.044 in (1.1 mm)
Black & Red, Black & White, Black & Green, Black & Blue, Black & Yellow, Black & Brown
Outer Shield
Shield Type
Material
Coverage
Drainwire Type
Tape
Bi-Laminate (Alum+Poly) 100%
24 AWG (7x32) TC
Outer Jacket
Material
Nom. Thickness
Nom. Diameter
PVC - Polyvinyl Chloride 0.032 in (0.81 mm) 0.289 in (7.34 mm)
Overall Cable Diameter (Nominal): 0.289 in (7.34 mm)
Electrical Characteristics
Electricals
Element Nom. Conductor DCR Nom. Capacitance Cond-to-Cond Nom. Capacitance Cond-to-Other (Conds + Shield) Nom. Velocity of Prop.
Max. Current
Pair(s)
28.8 Ohm/1000ft
30 pF/ft (98 pF/m)
50 pF/ft (160 pF/m)
60%
1.96 Amps per Conductor at 25ºC
Voltage
UL Voltage Rating
300 V (CMG), 300 V (UL AWM 2464)
Mechanical Characteristics
Temperature
UL Temperature
Operating
80°C
-30°C to +80°C
Bend Radius
Stationary Min. Installation Min.
2.9 in (74 mm)
2.9 in (74 mm)


Similar Part No. - 9506

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
9506 KEYSTONE-9506 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
List of Unclassifed Man...
95060 ETC2-95060 Datasheet
368Kb / 1P
Low Power Ceramic Transformer
logo
Littelfuse
95060 LITTELFUSE-95060 Datasheet
641Kb / 2P
SEALED IGNITION SWITCH WITH INTEGRATED CONNECTOR
2020 Rev: 031820-A
95060-01 LITTELFUSE-95060-01 Datasheet
641Kb / 2P
SEALED IGNITION SWITCH WITH INTEGRATED CONNECTOR
2020 Rev: 031820-A
95060-03 LITTELFUSE-95060-03 Datasheet
641Kb / 2P
SEALED IGNITION SWITCH WITH INTEGRATED CONNECTOR
2020 Rev: 031820-A
More results

Similar Description - 9506

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8336 BELDEN-8336 Datasheet
152Kb / 2P
RS232, Low Cap, #24-6pr, SR-PVC, O/A FoilBraid, PVC Jkt, CMG
01-20-2023
9505 BELDEN-9505 Datasheet
202Kb / 2P
RS232, #24-5pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9507 BELDEN-9507 Datasheet
166Kb / 2P
RS232, #24-7pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9510 BELDEN-9510 Datasheet
166Kb / 2P
RS232, #24-10pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9515 BELDEN-9515 Datasheet
147Kb / 2P
RS232, #24-15pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9519 BELDEN-9519 Datasheet
210Kb / 2P
RS232, #24-19pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9525 BELDEN-9525 Datasheet
152Kb / 2P
RS232, #24-25pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9550 BELDEN-9550 Datasheet
144Kb / 2P
RS232, #24-50pr, SR-PVC, O/A Foil, PVC Jkt, CMG, 75Ω
01-20-2023
9537 BELDEN-9537 Datasheet
200Kb / 2P
RS232, #24-7c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
9546 BELDEN-9546 Datasheet
217Kb / 2P
RS232, #24-50c, SR-PVC, O/A Foil, PVC Jkt, CMG
04-19-2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com