Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCW60 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BCW60
Description  NPN general purpose transistors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BCW60 Datasheet(HTML) 3 Page - NXP Semiconductors

  BCW60 Datasheet HTML 1Page - NXP Semiconductors BCW60 Datasheet HTML 2Page - NXP Semiconductors BCW60 Datasheet HTML 3Page - NXP Semiconductors BCW60 Datasheet HTML 4Page - NXP Semiconductors BCW60 Datasheet HTML 5Page - NXP Semiconductors BCW60 Datasheet HTML 6Page - NXP Semiconductors BCW60 Datasheet HTML 7Page - NXP Semiconductors BCW60 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
1999 Apr 22
3
Philips Semiconductors
Product specification
NPN general purpose transistors
BCW60 series
THERMAL CHARACTERISTICS
Note
1. Transistor mounted on an FR4 printed-circuit board.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
500
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
ICBO
collector cut-off current
IE = 0; VCB =32V
−−
20
nA
IE = 0; VCB =32V; Tamb = 150 °C −−
20
µA
IEBO
emitter cut-off current
IC = 0; VEB =4V
−−
20
nA
hFE
DC current gain
IC =10 µA; VCE =5V
BCW60B
20
−−
BCW60C
40
−−
BCW60D
100
−−
DC current gain
IC = 2 mA; VCE =5V
BCW60B
180
−
310
BCW60C
250
−
460
BCW60D
380
−
630
DC current gain
IC = 50 mA; VCE =1V
BCW60B
70
−−
BCW60C
90
−−
BCW60D
100
−−
VCEsat
collector-emitter saturation
voltage
IC = 10 mA; IB = 0.25 mA
50
−
350
mV
IC = 50 mA; IB = 1.25 mA
100
−
550
mV
VBEsat
base-emitter saturation voltage
IC = 10 mA; IB = 0.25 mA
600
−
850
mV
IC = 50 mA; IB = 1.25 mA
0.7
−
1.05
V
VBE
base-emitter voltage
IC =10 µA; VCE =5V
−
520
−
mV
IC = 2 mA; VCE = 5 V
550
650
750
mV
IC = 50 mA; VCE =1V
−
780
−
mV
Cc
collector capacitance
IE =ie = 0; VCB =10V; f=1MHz
−
1.7
−
pF
Ce
emitter capacitance
IC =ic = 0; VEB = 0.5 V; f = 1 MHz −
11
−
pF
fT
transition frequency
IC = 10 mA; VCE =5V;
f = 100 MHz; note 1
100
250
−
MHz
F
noise figure
IC = 200 µA; VCE =5V;
RS =2kΩ; f = 1 kHz; B = 200 Hz
−
26dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com